Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6660CSTB Datasheet (PDF) - Silicon Standard Corp.

SS6660CSTB Datasheet PDF - Silicon Standard Corp.
Part # SS6660CSTB
Download  SS6660CSTB Download
File Size   317.54 Kbytes
Page   8 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Switched-Capacitor Voltage Converter

SS6660CSTB Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6660CSTB Datasheet PDF - Silicon Standard Corp.

Part # SS6660CSTB
Download  SS6660CSTB Click to download

File Size   317.54 Kbytes
Page   8 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Switched-Capacitor Voltage Converter

SS6660CSTB Datasheet (HTML) - Silicon Standard Corp.


SS6660CSTB Product details

DESCRIPTION
The SS6660 is a monolithic CMOS switched capacitor voltage converter. Designed to be an improved direct replacement for the popular 7660 and LTC1044, the main function of the SS6660 is to convert a positive input voltage in the range of 1.5V to 6V to the corresponding negative output voltage in the range of 11.5V to -6V.

FEATURES
    Low output impedance (typ. 35Ω at VIN=5V)
    Improved direct replacement for 7660
    Operation from 1.5V to 6V
    No external diode required
    Simple conversion from +5V to -5V
    Low quiescent current (typ. 36µA at VIN=5V)
    High power efficiency (typ. 98%)
    Boost pin for higher switching frequency
    Improved SCR latchup protection

APPLICATIONS
    RS-232 Power Supplies
    Handheld Instruments
    Data Acquisition Systems
    Supply Splitter VOUT = ±VIN/2
    Operational Amplifier Supplies
    Panel Meter




Similar Part No. - SS6660CSTB

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS66 FRONTIER-SS66 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS66 ASEMI-SS66 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS66-LFR FRONTIER-SS66-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
More results


Similar Description - SS6660CSTB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com