Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6660CSTB Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6660CSTB
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6660CSTB Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6660CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6660CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6660CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6660CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6660CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6660CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6660CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6660CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS6660




Switched-Capacitor Voltage Converter




FEATURES
Low output impedance (typ. 35
Ω at
VIN=5V)
Improved direct replacement for 7660
Operation from 1.5V to 6V
No external diode required
Simple conversion from +5V to -5V
Low quiescent current (typ. 36
µA at VIN=5V)
High power efficiency (typ. 98%)
Boost pin for higher switching frequency
Improved SCR latchup protection
APPLICATIONS
RS-232 Power Supplies
Handheld Instruments
Data Acquisition Systems
Supply Splitter VOUT = ±VIN/2
Operational Amplifier Supplies
Panel Meter
TYPICAL APPLICATION CIRCUIT

µ





VIN (1.5V to 6V)
Required for
VIN
≤ 3V




SS6660












µ
















Negative voltage converter
DESCRIPTION
The SS6660 is a monolithic CMOS switched-
capacitor voltage converter. Designed to be an
improved direct replacement for the popular 7660
and LTC1044, the main function of the SS6660
is to convert a positive input voltage in the range
of 1.5V to 6V to the corresponding negative
output voltage in the range of 11.5V to -6V.
The input voltage can also be doubled (VOUT
= 2VIN), divided (VOUT = VIN/2), or multiplied
(VOUT = ±nVIN) as shown in the application
examples.
The chip contains a series DC power supply
regulator, oscillator, control circuitry and four
output power MOSFET switches. The frequency
of the oscillator can be lowered by the addition of
an external capacitor to the OSC pin, or the
oscillator may be over-driven by an external clock.
This boost function is available to raise the
oscillator frequency to optimize performance in
specific applications. The "LV" terminal may be
tied to GND to improve low input-voltage (VIN
≤ 3V) operation, or be left floating for input voltages
larger than 3V to improve power dissipation.
The SS6660 provides performance superior to
previous designs by combining low output
impedance, low quiescent current with high
efficiency and by eliminating losses from diode
voltage drops. The only external components
required are two low-cost electrolytic capacitors.
Rev.2.02 1/29/2004


Similar Part No. - SS6660CSTB

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS66 FRONTIER-SS66 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS66 ASEMI-SS66 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS66-LFR FRONTIER-SS66-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6660CSTB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com