Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X68C64P Datasheet (PDF) - Xicor Inc.

X68C64P Datasheet PDF - Xicor Inc.
Part # X68C64P
Download  X68C64P Download
File Size   62.37 Kbytes
Page   12 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2 Micro-Peripheral

X68C64P Datasheet (PDF)

Go To PDF Page Download Datasheet
X68C64P Datasheet PDF - Xicor Inc.

Part # X68C64P
Download  X68C64P Click to download

File Size   62.37 Kbytes
Page   12 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2 Micro-Peripheral

X68C64P Datasheet (HTML) - Xicor Inc.


X68C64P Product details

DESCRIPTION

The X68C64 is an 8K x 8 E2PROM fabricated with advanced CMOS Textured Poly Floating Gate Technology. The X68C64 features a Multiplexed Address and Data bus allowing a direct interface to a variety of popular single-chip microcontrollers operating in expanded multiplexed mode without the need for additional interface circuitry.



FEATURES

•CONCURRENT READ WRITE™

—Dual Plane Architecture

—Isolates Read/Write Functions Between Planes

—Allows Continuous Execution of Code From One Plane While Writing in the Other Plane

•Multiplexed Address/Data Bus

—Direct Interface to Popular 8-bit Microcontrollers, e.g., Motorola M6801/03, M68HC11 Family

•High Performance CMOS

—Fast Access Time, 120ns

—Low Power

—60mA Maximum Active

—500µA Maximum Standby

•Software Data Protection

•Block Protect Register

—Individually Set Write Lock Out in 1K Blocks

•Toggle Bit Polling

—Early End of Write Detection

•Page Mode Write

—Allows up to 32 Bytes to be Written in One Write Cycle

•High Reliability

—Endurance: 100,000 Write Cycles

—Data Retention: 100 Years




Similar Part No. - X68C64P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C75 XICOR-X68C75 Datasheet
123Kb / 26P
Port Expander and E2 Memory
X68C75J XICOR-X68C75J Datasheet
123Kb / 26P
Port Expander and E2 Memory
X68C75JI XICOR-X68C75JI Datasheet
123Kb / 26P
Port Expander and E2 Memory
X68C75JM XICOR-X68C75JM Datasheet
123Kb / 26P
Port Expander and E2 Memory
More results


Similar Description - X68C64P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
Xicor Inc.
X68257 XICOR-X68257 Datasheet
70Kb / 14P
E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
E2 Micro-Peripheral
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com