Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X86C64 Datasheet (PDF) - Xicor Inc.

X86C64 Datasheet PDF - Xicor Inc.
Part # X86C64
Download  X86C64 Download
File Size   62.25 Kbytes
Page   12 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2 Micro-Peripheral

X86C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
X86C64 Datasheet PDF - Xicor Inc.

Part # X86C64
Download  X86C64 Click to download

File Size   62.25 Kbytes
Page   12 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2 Micro-Peripheral

X86C64 Datasheet (HTML) - Xicor Inc.


X86C64 Product details

DESCRIPTION

The X86C64 is an 8K x 8 E2PROM fabricated with advanced CMOS Textured Poly Floating Gate Technology. The X86C64 features a Multiplexed Address and Data bus allowing direct interface to a variety of popular single-chip microcontrollers operating in expanded multiplexed mode without the need for additional interface circuitry.



FEATURES

•CONCURRENT READ WRITE™

—Dual Plane Architecture

  Isolates Read/Write Functions

  Between Planes

  Allows Continuous Execution of Code

  From One Plane While Writing in the Other Plane

•Multiplexed Address/Data Bus

—Direct Interface to Popular 8-bit Microcontrollers, e.g. Zilog Z8 Family

•High Performance CMOS

—Fast Access Time, 120 ns

—Low Power

  60 mA Maximum Active

  200 µA Maximum Standby

•Software Data Protection

•Block Protect Register

—Individually Set Write Lock Out in 1K Blocks

•Toggle Bit

—Early End of Write Detection

•Page Mode Write

—Allows up to 32 Bytes to be Written in One Write Cycle

•High Reliability

—Endurance: 10,000 Write Cycle

—Data Retention: 100 Years





Similar Description - X86C64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
Xicor Inc.
X68257 XICOR-X68257 Datasheet
70Kb / 14P
E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
E2 Micro-Peripheral
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com