Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X86C64 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X86C64
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X86C64 Datasheet(HTML) 2 Page - Xicor Inc.

  X86C64 Datasheet HTML 1Page - Xicor Inc. X86C64 Datasheet HTML 2Page - Xicor Inc. X86C64 Datasheet HTML 3Page - Xicor Inc. X86C64 Datasheet HTML 4Page - Xicor Inc. X86C64 Datasheet HTML 5Page - Xicor Inc. X86C64 Datasheet HTML 6Page - Xicor Inc. X86C64 Datasheet HTML 7Page - Xicor Inc. X86C64 Datasheet HTML 8Page - Xicor Inc. X86C64 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
X86C64
2
PIN DESCRIPTIONS
Address/Data (A/D0–A/D7)
Multiplexed low-order addresses and data. The ad-
dresses flow into the device while
AS is LOW. After AS
transitions from a LOW to HIGH the addresses are
latched. Once the addresses are latched these pins input
data or output data depending on
DS, R/W, and CE.
Addresses (A8–A12)
High order addresses flow into the device when
AS = VIL
and are latched when
AS goes HIGH.
Chip Enable (CE)
The Chip Enable input must be HIGH to enable all read/
write operations. When CE is LOW and
AS is HIGH, the
X86C64 is placed in the low power standby mode.
Data Strobe (
DS)
When used with a Z8 the
DS input is tied directly to the
DS output of the microcontroller.
Read/Write (R/
W)
When used with a Z8 the R/
W input is tied directly to the
R/
W output of the microcontroller.
Address Strobe (
AS)
Addresses flow through the latches to address decoders
when
AS is LOW and are latched when AS transitions
from a LOW to HIGH.
Device Select (
SEL)
Must be connected to VSS.
Write Control (
WC)
The Write Control allows external circuitry to abort a
page load cycle once it has been initiated. This input is
useful in applications in which a power failure or proces-
sor RESET could interrupt a page load cycle. In this
case, the microcontroller might drive all signals HIGH,
causing bad data to be latched into the E2PROM. If the
Write Control input is driven HIGH (before tTBLC Max)
after Read/Write (R/
W) goes HIGH, the write cycle will
be aborted.
When
WC is LOW (tied to VSS) the X86C64 will be
enabled to perform write operations. When
WC is HIGH
normal read operations may be performed, but all at-
tempts to write to the device will be disabled.
PIN CONFIGURATION
3819 FHD F01
PIN NAMES
Symbol
Description
AS
Address Strobe
A/D0–A/D7
Address Inputs/Data I/O
A8–A12
Address Inputs
DS
Data Strobe Input
R/
W
Read/Write Input
CE
Chip Enable
WC
Write Control
SEL
Device Select—Connect to VSS
VSS
Ground
VCC
Supply Voltage
3819 PGM T01
NC
A12
NC
NC
WC
SEL
A/D0
A/D1
A/D2
A/D3
A/D4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
R/W
AS
A8
A9
A11
DS
A10
CE
A/D7
A/D6
A/D5
X86C64
DIP/SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com