Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X68C75L Datasheet (PDF) - Xicor Inc.

X68C75L Datasheet PDF - Xicor Inc.
Part # X68C75L
Download  X68C75L Download
File Size   123.81 Kbytes
Page   26 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Port Expander and E2 Memory

X68C75L Datasheet (PDF)

Go To PDF Page Download Datasheet
X68C75L Datasheet PDF - Xicor Inc.

Part # X68C75L
Download  X68C75L Click to download

File Size   123.81 Kbytes
Page   26 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Port Expander and E2 Memory

X68C75L Datasheet (HTML) - Xicor Inc.


X68C75L Product details

DESCRIPTION
The X68C75 is a highly integrated peripheral for the 68HC11 family of microcontrollers. The device integrates 8K-bytes of 5V byte-alterable nonvolatile memory, 2 bidirectional 8-bit ports, 16 general purpose registers, programmable internal address decoding and a multiplexed address and data bus.

FEATURES
• Highly Integrated Microcontroller Peripheral
    —8K x 8 E2 Memory
    —2 x 8 General Purpose Bidirectional I/O Ports
    —16 x 8 General Purpose Registers
    —Integerated Interrupt Controller Module
    —Internal Programmable Address Decoding
• Self Loading Integrated Code (SLIC)
    —On-Chip BIOS and Boot Loader
    —IBM/PC Based Interface Software(XSLIC)
• Concurrent Read During Write
    —Dual Plane Architecture
• Isolates Read/Write Functions Between Planes
• Allows Continuous Execution Of Code From One Plane While Writing In The Other Plane
• Multiplexed Address/Data Bus
    —Direct Interface to Popular 68HC11 Family of Microcontrollers
• Software Data Protection
    —Protect Entire Array During Power-up/-down
• Block Lock™ Data Protection
    —Set Write Lockout in 1K Blocks
• Toggle Bit Polling
• High Performance CMOS
    —Fast Access Time, 120ns
    —Low Power
        • 60mA Active
        • 100µA Standby
• PDIP, PLCC, and TQFP Packaging Available




Similar Part No. - X68C75L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
X68C64P XICOR-X68C64P Datasheet
62Kb / 12P
E2 Micro-Peripheral
X68C64PI XICOR-X68C64PI Datasheet
62Kb / 12P
E2 Micro-Peripheral
X68C64PM XICOR-X68C64PM Datasheet
62Kb / 12P
E2 Micro-Peripheral
More results


Similar Description - X68C75L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
INPUT/OUTPUT PORT EXPANDER
logo
Xicor Inc.
X88C75 XICOR-X88C75 Datasheet
125Kb / 27P
Port Expander and E2 Memory
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
6/3 X 8 PORT EXPANDER
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
OUTPUT PORT EXPANDER
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
02-Jul-2007
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com