Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS13 Datasheet (PDF) - Token Electronics Industry Co., Ltd.

CS13 Datasheet PDF - Token Electronics Industry Co., Ltd.
Part # CS13
Download  CS13 Download
File Size   427.35 Kbytes
Page   8 Pages
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.
Description CS Current Detecting Chip Resistors

CS13 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS13 Datasheet PDF - Token Electronics Industry Co., Ltd.

Part # CS13
Download  CS13 Click to download

File Size   427.35 Kbytes
Page   8 Pages
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.
Description CS Current Detecting Chip Resistors

CS13 Datasheet (HTML) - Token Electronics Industry Co., Ltd.


CS13 Product details

Preview

Token Electronics has launched the CS series, a family of ultra small low-value current-sense surface-mount chip resistors. These smaller sizes save space on the circuit board, allowing the production of smaller and lighter products.

The new series complements Token’s existing LRC Series, offering metal resistive film on ceramic construction but providing increased choice for product designers in the form of more smaller sizes options of 0201, 0402, 0603, 0805, 1206, 2010, 2512, 1225, 3720, and 7520.

Designed for current detecting in power electronic systems, the fully RoHS compliant CS series is suitable for a range of applications including the monitoring of power usage and battery life; and provision of output protection for power supplies; as well as for a range of consumer and automotive products such as satellite navigation, handheld PDAs and digital set-top boxes.

The series offers ohmic values as low as 1mΩ to minimise power consumption and has an ambient temperature range of -55°C to +155°C.



Features

- Low TCR ±50, ±100PPM/°C

- Resistance Values from 1mΩ to 1 Ω.

- 3W Power Rating in 1W size, 1225 Package.

- Long size Terminations with Higher Power Rating.

- High Purity Alumina Substrate for High Power Dissipation.

- Products with Pb-free Terminations Meet RoHS Requirments.



Applications

- Voltage Regulation Module (VRM).

- Portable Devices (PDA, Cell phone).

- Disk Driver, Switching Power Supply.

- Over Current Protection in Audio Application.

- DC-DC Converter, Battery Pack, Charger, Adaptor.

- Automotive Engine Control, Power Management Applications.



 




Similar Part No. - CS13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS13 ETC-CS13 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
CS13-04GO4 ETC1-CS13-04GO4 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS13-06GO4 ETC1-CS13-06GO4 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS13-08GO4 ETC1-CS13-08GO4 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS13-10GO4 ETC1-CS13-10GO4 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
More results


Similar Description - CS13

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
Current Detecting Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
Current Detecting Plate Chip Resistor
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
Current Sensing Chip Resistors
NCSR NIC-NCSR Datasheet
484Kb / 5P
Current Sensing Chip Resistors
NCSS NIC-NCSS Datasheet
92Kb / 6P
Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
Current Sensing Chip Resistors
logo
KOA Speer Electronics, ...
BPR KOA-BPR Datasheet
378Kb / 2P
Power type current detecting resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com