Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS13 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # CS13
Description  CS Current Detecting Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS13 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  CS13 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS13 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS13 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS13 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS13 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS13 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS13 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS13 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
04 of 08
High Power Rating Electrical Specifications
Type
Power Rating
at 70°C
Operating Temp.
Range
Resistance
Tolerance
Resistance Range
TCR
CS03*TR*W** 1/8W
-55 ~ +155°C
±1%
±2%
±5%
51mΩ~100mΩ
101mΩ~500mΩ
501mΩ~1000mΩ
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS05*TR*V** 1/4W 1/2W
CS06*TR*U** 1/2W
10mΩ~20mΩ
21mΩ~50mΩ
51mΩ~500mΩ
501mΩ~1000mΩ
±600PPM/°C
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS13*TR*Q** 3/4W
CS10*TR*T**
1W
CS12*TR*A** 1.5W
CS12*TR*S**
2W
Power Derating Curve
Ambient Temperature (°C)
100
80
60
40
20
0
20
40
60 70 80
160
140
120
100
0
180
Derating Curve
CS Current Detecting Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com