Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM3220 Datasheet (PDF) - Analog Devices

ADUM3220 Datasheet PDF - Analog Devices
Part # ADUM3220
Download  ADUM3220 Download
File Size   664.81 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 A Dual-Channel Gate Driver

ADUM3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3220 Datasheet PDF - Analog Devices

Part # ADUM3220
Download  ADUM3220 Click to download

File Size   664.81 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 A Dual-Channel Gate Driver

ADUM3220 Datasheet (HTML) - Analog Devices


ADUM3220 Product details

Digital isolators with iCoupler® technology enable designers to implement isolation in designs without the cost, size, power, performance, and reliability constraints found with optocouplers. iCoupler digital isolators also meet the wide range of creepage/clearance requirements and are the industry’s only digital isolators with certifed 8 mm creepage. With more than half a billion channels shipped into the feld, these magnetically isolated products meet the same rigid safety standards as optocouplers.

Portfolio Offerings
• Single and multichannel data isolators
• Digital isolators with isolated power: isoPower®
• USB isolators
• Isolated gate drivers
• I2C® digital isolators
• Isolated CAN transceivers
• Isolated RS-485 transceivers
• Isolated RS-232 transceivers
• Isolated Σ-∆ modulators

Wide Range of Applications
With over 750 million channels of isolation shipped into the feld, iCoupler digital isolators are used in applications such as:
• Medical devices
• Power supply/regulation systems
• Instrumentation devices
• Networking equipment
• Metering
• Battery charging systems
• Light and building controls
• Industrial process controls
• Motor drives
• Solar/wind energy
• Communications
• Industrial feld buses
• Automotive systems
• All iCoupler devices can undergo
   AEC-Q100 automotive qualifcation.
   Please contact your local sales
   representative for more information.




Similar Part No. - ADUM3220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220 AD-ADUM3220 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADuM3220 AD-ADuM3220 Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220 AD-ADUM3220 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
ADuM3220ARZ AD-ADuM3220ARZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220ARZ AD-ADUM3220ARZ Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
More results


Similar Description - ADUM3220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
Texas Instruments
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
logo
Infineon Technologies A...
2EDN7424 INFINEON-2EDN7424 Datasheet
793Kb / 24P
Fast Dual Channel 4 A Low-Side Gate Driver
Revision 2.0 2016-11-09
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
Texas Instruments
UCC21551-Q1 TI-UCC21551-Q1 Datasheet
1Mb / 43P
UCC21551-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
DECEMBER 2022
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
Texas Instruments
UCC21551 TI-UCC21551 Datasheet
1Mb / 47P
UCC21551x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED JUNE 2023
UCC21550 TI1-UCC21550 Datasheet
2Mb / 49P
UCC21550x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED NOVEMBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com