Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2HD Datasheet (PDF) - STMicroelectronics

STGAP2HD Datasheet PDF - STMicroelectronics
Part # STGAP2HD
Download  STGAP2HD Download
File Size   803.17 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A dual gate driver

STGAP2HD Datasheet (PDF)

Go To PDF Page Download Datasheet
STGAP2HD Datasheet PDF - STMicroelectronics

Part # STGAP2HD
Download  STGAP2HD Click to download

File Size   803.17 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A dual gate driver

STGAP2HD Datasheet (HTML) - STMicroelectronics


STGAP2HD Product details

Features
■ High voltage rail up to 1200 V
■ Driver current capability: 4 A sink/source @ 25 °C
■ dV/dt transient immunity ±100 V/ns
■ Overall input-output propagation delay: 75 ns
■ Separate sink and source option for easy gate driving configuration
■ 4 A Miller CLAMP
■ UVLO function
■ Configurable interlocking function
■ Dedicated SD and BRAKE pins
■ Gate driving voltage up to 26 V
■ 3.3 V, 5 V TTL/CMOS inputs with hysteresis
■ Temperature shutdown protection
■ Standby function
■ 6 kV galvanic isolation
■ Wide Body SO-36W
■ UL 1577 recognized

Applications
■ Motor driver for industrial drives, factory automation, home appliances and fans
■ 600/1200 V inverters
■ Battery chargers
■ Induction heating
■ Welding
■ UPS
■ Power supply units
■ DC-DC converters
■ Power Factor Correction Product status link STGAP2HD Product label Galvanically isolated 4 A dual gate driver STGAP2HD Datasheet DS13652 - Rev 2 - September 2022 For further information contact your local STMicroelectronics sales office.




Similar Part No. - STGAP2HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2HSCMTR STMICROELECTRONICS-STGAP2HSCMTR Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2HSMTR STMICROELECTRONICS-STGAP2HSMTR Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
More results


Similar Description - STGAP2HD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
UM2120 STMICROELECTRONICS-UM2120 Datasheet
2Mb / 18P
EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
03-Nov-2016
logo
Texas Instruments
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com