Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2D Datasheet (PDF) - STMicroelectronics

STGAP2D Datasheet PDF - STMicroelectronics
Part # STGAP2D
Download  STGAP2D Download
File Size   1450.5 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A half-bridge gate driver

STGAP2D Datasheet (PDF)

Go To PDF Page Download Datasheet
STGAP2D Datasheet PDF - STMicroelectronics

Part # STGAP2D
Download  STGAP2D Click to download

File Size   1450.5 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A half-bridge gate driver

STGAP2D Datasheet (HTML) - STMicroelectronics


STGAP2D Product details

Features
• 1700 V dual channel gate driver
• Driver current capability: 4 A sink / source at 25 °C
• dV/dt transient immunity ±100 V/ns
• Overall input-output propagation delay: 75 ns
• UVLO function
• Configurable interlocking function
• Dedicated SD and BRAKE pins
• Gate driving voltage up to 26 V
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Temperature shutdown protection
• Standby function
• UL 1577 recognized

Description
The STGAP2D is a half-bridge gate driver which isolates the gate driving channels
from the low voltage control and interface circuitry.
The gate driver is characterized by 4 A capability and rail-to-rail outputs, making the
device also suitable for high power inverter applications such as motor drivers in
industrial applications.
The device integrates protection functions: dedicated SD and BRAKE pins are
available, UVLO and thermal shutdown are included to easily design high reliability
systems, and an interlocking function prevents outputs from being high at the same
time.
The input to output propagation delay results are contained within 75 ns, providing
high PWM control accuracy.
A standby mode is available in order to reduce idle power consumption.

Applications
• Motor driver for industrial drives, factory automation, home appliances and fans
• 600/1200 V inverters
• Battery chargers
• Induction heating
• Welding
• UPS
• Power supply units
• DC-DC converters
• Power Factor Correction




Similar Part No. - STGAP2D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSC STMICROELECTRONICS-STGAP2GSC Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSCTR STMICROELECTRONICS-STGAP2GSCTR Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSNC STMICROELECTRONICS-STGAP2GSNC Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
More results


Similar Description - STGAP2D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900 Datasheet
409Kb / 6P
600V ISOLATED HALF BRIDGE GATE DRIVER
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
logo
STMicroelectronics
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
Isolated Precision Half-Bridge Driver, 4 A Output
11/15-Rev. A to Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
logo
STMicroelectronics
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com