Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICS Datasheet (PDF) - STMicroelectronics

STGAP2SICS Datasheet PDF - STMicroelectronics
Part # STGAP2SICS
Download  STGAP2SICS Download
File Size   716.81 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A single gate driver for SiC MOSFETs

STGAP2SICS Datasheet (PDF)

Go To PDF Page Download Datasheet
STGAP2SICS Datasheet PDF - STMicroelectronics

Part # STGAP2SICS
Download  STGAP2SICS Click to download

File Size   716.81 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A single gate driver for SiC MOSFETs

STGAP2SICS Datasheet (HTML) - STMicroelectronics


STGAP2SICS Product details

Features
• High voltage rail up to 1200 V
• Driver current capability: 4 A sink/source @25°C
• dV/dt transient immunity ±100 V/ns in full temperature range
• Overall input-output propagation delay: 75 ns
• Separate sink and source option for easy gate driving configuration
• 4 A Miller CLAMP dedicated pin option
• UVLO function
• Gate driving voltage up to 26 V
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Temperature shut-down protection
• Standby function
• 6 kV galvanic isolation
• Wide body SO-8W package
• UL 1577 recognized

Description
The STGAP2SICS is a single gate driver which provides galvanic isolation between
the gate driving channel and the low voltage control and interface circuitry.
The gate driver is characterized by 4 A capability and rail-to-rail outputs, making the
device also suitable for mid and high power applications such as power conversion
and motor driver inverters in industrial applications. The device is available in
two different configurations. The configuration with separated output pins allows
to independently optimize turn-on and turn-off by using dedicated gate resistors.
The configuration featuring single output pin and Miller CLAMP function prevents
gate spikes during fast commutations in half-bridge topologies. Both configurations
provide high flexibility and bill of material reduction for external components.
The device integrates protection functions: UVLO with optimized value for SiC
MOSFETs and thermal shut down are included to facilitate the design of highly
reliable systems. Dual input pins allow the selection of signal polarity control and
implementation of HW interlocking protection to avoid cross-conduction in case of
controller malfunction. The input to output propagation delay is less than 75 ns, which
delivers high PWM control accuracy. A standby mode is available to reduce idle
power consumption.




Similar Part No. - STGAP2SICS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2S STMICROELECTRONICS-STGAP2S Datasheet
459Kb / 23P
STGAP2S
25-Jul-2022
STGAP2SCM STMICROELECTRONICS-STGAP2SCM Datasheet
459Kb / 23P
STGAP2S
25-Jul-2022
STGAP2SCMTR STMICROELECTRONICS-STGAP2SCMTR Datasheet
459Kb / 23P
STGAP2S
25-Jul-2022
STGAP2SM STMICROELECTRONICS-STGAP2SM Datasheet
459Kb / 23P
STGAP2S
25-Jul-2022
STGAP2SMTR STMICROELECTRONICS-STGAP2SMTR Datasheet
459Kb / 23P
STGAP2S
25-Jul-2022
More results


Similar Description - STGAP2SICS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
UM2120 STMICROELECTRONICS-UM2120 Datasheet
2Mb / 18P
EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
03-Nov-2016
logo
Cree, Inc
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
logo
STMicroelectronics
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com