Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICS Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGAP2SICS
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICS Datasheet(HTML) 4 Page - STMicroelectronics

  STGAP2SICS Datasheet HTML 1Page - STMicroelectronics STGAP2SICS Datasheet HTML 2Page - STMicroelectronics STGAP2SICS Datasheet HTML 3Page - STMicroelectronics STGAP2SICS Datasheet HTML 4Page - STMicroelectronics STGAP2SICS Datasheet HTML 5Page - STMicroelectronics STGAP2SICS Datasheet HTML 6Page - STMicroelectronics STGAP2SICS Datasheet HTML 7Page - STMicroelectronics STGAP2SICS Datasheet HTML 8Page - STMicroelectronics STGAP2SICS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3
Electrical data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Test
condition
Min.
Max.
Unit
VDD
Logic supply voltage vs. GND
-
-0.3
6.5
V
VLOGIC Logic pins voltage vs. GND
-
-0.3
6.5
V
VH
Positive supply voltage (VH vs. GNDISO)
-
-0.3
28
V
VOUT
Voltage on gate driver outputs (GON, GOFF, CLAMP VS. GNDISO)
-
-0.3
VH+0.3
V
TJ
Junction temperature
-
-40
150
°C
TS
Storage temperature
-
-50
150
°C
ESD
HBM (human body model)
-
2
kV
3.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Package
Value
Unit
Rth(JA)
Thermal resistance junction to ambient
SO-8W
120
°C/W
3.3
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Max.
Unit
VDD
Logic supply voltage vs. GND
-
3.1
5.5
V
VLOGIC
Logic pins voltage vs. GND
-
0
5.5
V
VH
Positive supply voltage (VH vs. GNDISO)
-
Max(VHON)
26
V
FSW
Maximum switching frequency(1)
-
-
1
MHz
tOUT
Output pulse width (GOUT, GON-GOFF)
-
100
-
ns
TJ
Operating Junction Temperature
-
-40
125
°C
1. Actual limit depends on power dissipation and TJ.
STGAP2SICS
Electrical data
DS13402 - Rev 4
page 4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com