Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICS Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGAP2SICS
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGAP2SICS Datasheet HTML 3Page - STMicroelectronics STGAP2SICS Datasheet HTML 4Page - STMicroelectronics STGAP2SICS Datasheet HTML 5Page - STMicroelectronics STGAP2SICS Datasheet HTML 6Page - STMicroelectronics STGAP2SICS Datasheet HTML 7Page - STMicroelectronics STGAP2SICS Datasheet HTML 8Page - STMicroelectronics STGAP2SICS Datasheet HTML 9Page - STMicroelectronics STGAP2SICS Datasheet HTML 10Page - STMicroelectronics STGAP2SICS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
5
Isolation
Table 6. Isolation and safety-related specifications
Parameter
Symbol
Value
Unit
Conditions
Clearance (Minimum External Air
Gap)
CLR
8
mm
Measured from input terminals to output terminals,
shortest distance through air
Creepage (*)
(Minimum External Tracking)
CPG
8
mm
Measured from input terminals to output terminals,
shortest distance path along body
Comparative Tracking
Index (Tracking Resistance)
CTI
≥ 400
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
-
II
-
Material Group (DIN VDE 0110, 1/89, Table 1)
Table 7. Isolation characteristics
Parameter
Symbol
Test Conditions
Characteristic
Unit
Maximum Working Isolation Voltage
VIORM
-
1200
VPEAK
Input to Output test voltage
In accordance with VDE 0884-11
VPR
Method a, Type test
1920
VPEAK
VPR = VIORM ×1.6, tm = 10 s
Partial discharge < 5 pC
Method b1, 100 % Production test
2250
VPEAK
VPR = VIORM×1.875, tm = 1 s
Partial discharge < 5 pC
Transient Overvoltage (Highest
Allowable Overvoltage)
VIOTM
tini = 60 s Type test
6000
VPEAK
Maximum Surge TestVoltage
VIOSM
Type test
6000
VPEAK
Isolation Resistance
RIO
VIO = 500 V; Type test
>109
Ω
Table 8. Isolation voltage as per UL 1577
Parameter
Symbol
Characteristic
Unit
Isolation Withstand Voltage, 1min (Type test)
VISO
3535/5000
VRMS/VPEAK
Isolation TestVoltage, 1sec (100% production)
VISOtest
4242/6000
VRMS/VPEAK
Recognized under the UL 1577 Component Recognition Program - file number E362869
STGAP2SICS
Isolation
DS13402 - Rev 4
page 7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com