Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICS Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGAP2SICS
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGAP2SICS Datasheet HTML 14Page - STMicroelectronics STGAP2SICS Datasheet HTML 15Page - STMicroelectronics STGAP2SICS Datasheet HTML 16Page - STMicroelectronics STGAP2SICS Datasheet HTML 17Page - STMicroelectronics STGAP2SICS Datasheet HTML 18Page - STMicroelectronics STGAP2SICS Datasheet HTML 19Page - STMicroelectronics STGAP2SICS Datasheet HTML 20Page - STMicroelectronics STGAP2SICS Datasheet HTML 21Page - STMicroelectronics STGAP2SICS Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
List of tables
Table 1.
Pin Description ..................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 4
Table 3.
Thermal data....................................................................... 4
Table 4.
Recommended operating conditions....................................................... 4
Table 5.
Electrical characteristics (TJ = 25°C, VH = 18 V, VDD = 5 V unless otherwise specified) ................... 5
Table 6.
Isolation and safety-related specifications ................................................... 7
Table 7.
Isolation characteristics................................................................ 7
Table 8.
Isolation voltage as per UL 1577 ......................................................... 7
Table 9.
Inputs truth table (applicable when device is not in UVLO or "safe state") ............................. 9
Table 10.
SO-8W package dimensions ........................................................... 15
Table 11.
Device summary ................................................................... 17
Table 12.
Document revision history ............................................................. 18
STGAP2SICS
List of tables
DS13402 - Rev 4
page 20/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com