Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STGAP2SICS
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STGAP2SICS Datasheet HTML 11Page - STMicroelectronics STGAP2SICS Datasheet HTML 12Page - STMicroelectronics STGAP2SICS Datasheet HTML 13Page - STMicroelectronics STGAP2SICS Datasheet HTML 14Page - STMicroelectronics STGAP2SICS Datasheet HTML 15Page - STMicroelectronics STGAP2SICS Datasheet HTML 16Page - STMicroelectronics STGAP2SICS Datasheet HTML 17Page - STMicroelectronics STGAP2SICS Datasheet HTML 18Page - STMicroelectronics STGAP2SICS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
SO-8W package information
Table 10. SO-8W package dimensions
Symbol
Dimensions (mm)
Min.
Typ.
Max
A
2.34
2.64
A1
0.1
0.3
b
0.3
0.51
c
0.2
0.33
D(1)
5.64
6.05
e
1.27 BSC
E1
7.39
7.59
E
10.11
10.52
L
0.61
0.91
h
0.25
0.76
Ɵ
0°
8°
aaa
0.25
bbb
0.25
ccc
0.1
1. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15mm per side.
STGAP2SICS
Package information
DS13402 - Rev 4
page 15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com