Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICS Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGAP2SICS
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGAP2SICS Datasheet HTML 4Page - STMicroelectronics STGAP2SICS Datasheet HTML 5Page - STMicroelectronics STGAP2SICS Datasheet HTML 6Page - STMicroelectronics STGAP2SICS Datasheet HTML 7Page - STMicroelectronics STGAP2SICS Datasheet HTML 8Page - STMicroelectronics STGAP2SICS Datasheet HTML 9Page - STMicroelectronics STGAP2SICS Datasheet HTML 10Page - STMicroelectronics STGAP2SICS Datasheet HTML 11Page - STMicroelectronics STGAP2SICS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6
Functional description
6.1
Gate driving power supply and UVLO
The STGAP2SiCS is a flexible and compact gate driver with 4 A output current and rail-to-rail outputs. The device
allows implementation of either unipolar or bipolar gate driving.
Figure 5. Power supply configuration for unipolar and bipolar gate driving
VDD
I
S
O
L
A
T
I
O
N
VH
GOFF
GNDISO
VDD
GND
IN+
IN-
GON
+
VH
+
VH
+
VL
I
S
O
L
A
T
I
O
N
VH
GOFF
GNDISO
VDD
GND
IN+
IN-
GON
Unipolar gate driving
Bipolar gate driving
1uF
100nF
VDD
1uF
100nF
1uF
100nF
100nF
1uF
1uF
Undervoltage protection is available on VH supply pin. A fixed hysteresis sets the turn-off threshold, thus avoiding
intermittent operation.
When VH voltage falls below the VHoff threshold, the output buffer enters a “safe state”. When VH voltage
reaches the VHon threshold, the device returns to normal operation and sets the output according to actual input
pins status.
The VDD and VH supply pins must be properly filtered with local bypass capacitors. The use of capacitors with
different values in parallel provides both local storage for impulsive current supply and high-frequency filtering.
The best filtering is obtained by using low-ESR SMT ceramic capacitors and are therefore recommended. A 100
nF ceramic capacitor must be placed as close as possible to each supply pin, and a second bypass capacitor with
value in the range between 1 µF and 10 µF should be placed close to it.
6.2
Power-up, power-down and “safe state”
The following conditions define the “safe state”:
•
GOFF = ON state;
•
GON = High Impedance;
•
CLAMP = ON state (for STGAP2SiCSC);
Such conditions are maintained at power-up of the isolated side (VH < VHon) and during whole device power
down phase (VH < VHoff), regardless of the value of the input pins.
The device integrates a structure which clamps the driver output to a voltage not higher than SafeClp when VH
voltage is not high enough to actively turn the internal GOFF MOSFET on. If VH positive supply pin is floating or
not supplied the GOFF pin is therefore clamped to a voltage smaller than SafeClp.
If the supply voltage VDD of the control section of the device is not supplied, the output is put in safe state, and
remains in such condition until the VDD voltage returns within operative conditions.
After power-up of both isolated and low voltage sides, the device output state depends on the status of the input
pins.
STGAP2SICS
Functional description
DS13402 - Rev 4
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com