Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICS Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGAP2SICS
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICS Datasheet(HTML) 5 Page - STMicroelectronics

  STGAP2SICS Datasheet HTML 1Page - STMicroelectronics STGAP2SICS Datasheet HTML 2Page - STMicroelectronics STGAP2SICS Datasheet HTML 3Page - STMicroelectronics STGAP2SICS Datasheet HTML 4Page - STMicroelectronics STGAP2SICS Datasheet HTML 5Page - STMicroelectronics STGAP2SICS Datasheet HTML 6Page - STMicroelectronics STGAP2SICS Datasheet HTML 7Page - STMicroelectronics STGAP2SICS Datasheet HTML 8Page - STMicroelectronics STGAP2SICS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4
Electrical characteristics
Table 5. Electrical characteristics (TJ = 25°C, VH = 18 V, VDD = 5 V unless otherwise specified)
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Dynamic characteristics
tDon
IN+, IN-
Input to output propagation
delay ON
-
50
75
90
ns
tDoff
IN+, IN-
Input to output propagation
delay OFF
-
50
75
90
ns
tr
-
Rise time
CL = 4.7 nF
See Figure 12
-
30
-
ns
tf
-
Fall time
-
30
-
ns
PWD
-
Pulse Width Distortion
|tDon-tDoff|
-
-
-
20
ns
tdeglitch
IN+, IN-
Inputs deglitch filter
-
-
20
40
ns
CMTI (1)
-
Common-mode transient
immunity, |dVISO/dt|
VCM = 1500 V,
See Figure 13
100
-
-
V/ns
Supply voltage
VHon
-
VH UVLO turn-on threshold
-
14.6
15.5
16.4
V
VHoff
-
VH UVLO turn-off threshold
-
13.9
14.8
15.7
V
VHhyst
-
VH UVLO hysteresis
-
600
750
950
mV
IQHU
-
VH undervoltage quiescent
supply current
VH = 7V
-
1.3
1.8
mA
IQH
-
VH quiescent supply current
-
-
1.3
1.8
mA
IQHSBY
-
Standby VH quiescent supply
current
Standby mode
-
400
550
µA
SafeClp
-
GOFF active clamp
IGOFF = 0.2 A;
VH floating
-
2
2.3
V
IQDD
-
VDD quiescent supply current
-
-
1.0
1.3
mA
IQDDSBY
-
Standby VDD quiescent
supply current
Standby mode
-
40
65
µA
Logic Inputs
Vil
IN+, IN-
Low level logic threshold
voltage
-
0.29·VDD
0.33·VDD
0.37·VDD
V
Vih
IN+, IN-
High level logic threshold
voltage
-
0.62·VDD
0.66·VDD
0.70·VDD
V
IINh
IN+, IN-
INx logic “1” input bias current
INx = 5 V
33
50
70
µA
IINl
IN+, IN-
INx logic “0” input bias current
INx = GND
-
-
1
µA
Rpd
IN+, IN-
Inputs pull-down resistors
INx = 5 V
70
100
150
kΩ
Driver buffer section
IGON
-
Source short circuit current
TJ = 25°C
-
4
-
A
TJ = -40 to +125°C
(1)
3
-
5
A
VGONH
-
Source output high level
voltage
IGON = 100 mA
VH-0.15
VH-0.125
-
V
STGAP2SICS
Electrical characteristics
DS13402 - Rev 4
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com