Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2S Datasheet (PDF) - STMicroelectronics

STGAP2S Datasheet PDF - STMicroelectronics
Part # STGAP2S
Download  STGAP2S Download
File Size   459.92 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STGAP2S

STGAP2S Datasheet (PDF)

Go To PDF Page Download Datasheet
STGAP2S Datasheet PDF - STMicroelectronics

Part # STGAP2S
Download  STGAP2S Click to download

File Size   459.92 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STGAP2S

STGAP2S Datasheet (HTML) - STMicroelectronics


STGAP2S Product details

Features
• High voltage rail up to 1700 V
• Driver current capability: 4 A sink/source @25°C
• dV/dt transient immunity ±100 V/ns in full temperature range
• Overall input-output propagation delay: 75 ns
• Separate sink and source option for easy gate driving configuration
• 4 A Miller CLAMP dedicated pin option
• UVLO function
• Gate driving voltage up to 26 V
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Temperature shut-down protection
• Standby function
• Narrow body SO8
• UL 1577 recognized

Description
The STGAP2S is a single gate driver which provides galvanic isolation between the
gate driving channel and the low voltage control and interface circuitry.
The gate driver is characterized by 4 A capability and rail-to-rail outputs, making the
device also suitable for mid and high power applications such as power conversion
and motor driver inverters in industrial applications. The device is available in
two different configurations. The configuration with separated output pins allows
to independently optimize turn-on and turn-off by using dedicated gate resistors.
The configuration featuring single output pin and Miller CLAMP function prevents
gate spikes during fast commutations in half-bridge topologies. Both configurations
provide high flexibility and bill of material reduction for external components.
The device integrates UVLO and thermal shutdown protection functions to facilitate
the design of highly reliable systems. Dual input pins allow the selection of signal
polarity control and implementation of HW interlocking protection to avoid crossconduction
in case of controller malfunction. The input to output propagation delay
is less than 75 ns, which delivers high PWM control accuracy. A standby mode is
available to reduce idle power consumption.

Application
• Motor driver for home appliances, factory automation, industrial drives and fans.
• 600/1200 V inverters
• Battery chargers
• Induction heating
• Welding
• UPS
• Power supply units
• DC-DC converters
• Power Factor Correction




Similar Part No. - STGAP2S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2SICSCTR STMICROELECTRONICS-STGAP2SICSCTR Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
More results






About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com