Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGAP2S
Description  STGAP2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGAP2S Datasheet HTML 6Page - STMicroelectronics STGAP2S Datasheet HTML 7Page - STMicroelectronics STGAP2S Datasheet HTML 8Page - STMicroelectronics STGAP2S Datasheet HTML 9Page - STMicroelectronics STGAP2S Datasheet HTML 10Page - STMicroelectronics STGAP2S Datasheet HTML 11Page - STMicroelectronics STGAP2S Datasheet HTML 12Page - STMicroelectronics STGAP2S Datasheet HTML 13Page - STMicroelectronics STGAP2S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
5.7
Standby function
Inorder to reduce the power consumption of both control interface and gate driving sides the device can be put in
standby mode. In standby mode the quiescent current from VDD and VH supply pins is reduced to IQDDSBY and
IQHSBY respectively, and the output remains in 'safe state' (the output is actively forced low).
The way to enter standby is to keep both IN+ and IN- high (“standby” value) for a time longer than tSTBY. During
standby the inputs can change from the “stand-by” value.
To exit stand-by, IN+ and IN- must be put in any combination different from the “standby” value for a time longer
than tstbyfilt , and then in the “standby” value for a time t such that tWUP<t < tSTBY.
When the input configuration is changed from the “standby” value the output is enabled and set according to
inputs state after a time tawake.
Figure 6. Standby state sequences
Sequence to enter stand-by mode
Sequence to exit stand-by mode
t < tSTBY
t = tSTBY
IN+ & IN-
Device status
Output
ACTIVE
STAND-BY
SAFE-STATE
ACTIVE
“stand-by”
“stand-by”
duration too short
t = tSTBY
IN+ & IN-
Device status
Output
ACTIVE
STAND-BY
SAFE-STATE
ACTIVE
t > tstbyfilt t < tWUP
t > tSTBY
tWUP < t < tSTBY
t = tawake
ACTIVE
ACTIVE
“stand-by”
“stand-by”
“stand-by”
“stand-by”
duration
too short
duration too long
“stand-by”: IN+ = IN
- = HIGH
is any different combination
STGAP2S
Standby function
DS12541 - Rev 3
page 10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com