Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2S Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGAP2S
Description  STGAP2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGAP2S Datasheet HTML 10Page - STMicroelectronics STGAP2S Datasheet HTML 11Page - STMicroelectronics STGAP2S Datasheet HTML 12Page - STMicroelectronics STGAP2S Datasheet HTML 13Page - STMicroelectronics STGAP2S Datasheet HTML 14Page - STMicroelectronics STGAP2S Datasheet HTML 15Page - STMicroelectronics STGAP2S Datasheet HTML 16Page - STMicroelectronics STGAP2S Datasheet HTML 17Page - STMicroelectronics STGAP2S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
8
Testing and characterization information
Figure 12. Timings definition
50%
50%
10%
90%
tr
tf
tDon
90%
10%
GON-GOFF
IN-
IN+
tDoff
50%
50%
10%
90%
tr
tf
tDon
90%
10%
tDoff
Figure 13. CMTI test circuit
I
S
O
L
A
T
I
O
N
VH
GOFF
GNDISO
VDD
GND
IN+
IN-
GON
+
VH
Output Vout
monitoring node
S1
+
-
G1
+
VDD
STGAP2S
Testing and characterization information
DS12541 - Rev 3
page 14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com