Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2HS Datasheet (PDF) - STMicroelectronics

STGAP2HS Datasheet PDF - STMicroelectronics
Part # STGAP2HS
Download  STGAP2HS Download
File Size   453.12 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A single gate driver

STGAP2HS Datasheet (PDF)

Go To PDF Page Download Datasheet
STGAP2HS Datasheet PDF - STMicroelectronics

Part # STGAP2HS
Download  STGAP2HS Click to download

File Size   453.12 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 4 A single gate driver

STGAP2HS Datasheet (HTML) - STMicroelectronics


STGAP2HS Product details

Features
• High voltage rail up to 1200 V
• Driver current capability: 4 A sink/source @25°C
• dV/dt transient immunity ±100 V/ns in full temperature range
• Overall input-output propagation delay: 75 ns
• Separate sink and source option for easy gate driving configuration
• 4 A Miller CLAMP dedicated pin option
• UVLO function
• Gate driving voltage up to 26 V
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Temperature shut-down protection
• Standby function
• 6 kV galvanic isolation
• UL 1577 recognized
• Wide body SO-8W package

Description
The STGAP2HS is a single gate driver which provides galvanic isolation between the
gate driving channel and the low voltage control and interface circuitry.
The gate driver is characterized by 4 A capability and rail-to-rail outputs, making the
device also suitable for mid and high power applications such as power conversion
and motor driver inverters in industrial applications. The device is available in
two different configurations. The configuration with separated output pins allows
to independently optimize turn-on and turn-off by using dedicated gate resistors.
The configuration featuring single output pin and Miller CLAMP function prevents
gate spikes during fast commutations in half-bridge topologies. Both configurations
provide high flexibility and bill of material reduction for external components.
The device integrates UVLO and thermal shutdown protection functions to facilitate
the design of highly reliable systems. Dual input pins allow the selection of signal
polarity control and implementation of HW interlocking protection to avoid crossconduction
in case of controller malfunction. The input to output propagation delay
is less than 75 ns, which delivers high PWM control accuracy. A standby mode is
available to reduce idle power consumption.

Application
• Motor driver for home appliances, factory automation, industrial drives and fans.
• 600/1200 V inverters
• Battery chargers
• Induction heating
• Welding
• UPS
• Power supply units
• DC-DC converters
• Power Factor Correction




Similar Part No. - STGAP2HS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
STGAP2HDM STMICROELECTRONICS-STGAP2HDM Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
STGAP2HDMTR STMICROELECTRONICS-STGAP2HDMTR Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results


Similar Description - STGAP2HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI60I12AH INFINEON-1EDI60I12AH Datasheet
223Kb / 2P
1200 V galvanically isolated single-channel wide body gate driver IC family
05 / 2016
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
UM2120 STMICROELECTRONICS-UM2120 Datasheet
2Mb / 18P
EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
03-Nov-2016
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com