Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2HS Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGAP2HS
Description  Galvanically isolated 4 A single gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGAP2HS Datasheet HTML 2Page - STMicroelectronics STGAP2HS Datasheet HTML 3Page - STMicroelectronics STGAP2HS Datasheet HTML 4Page - STMicroelectronics STGAP2HS Datasheet HTML 5Page - STMicroelectronics STGAP2HS Datasheet HTML 6Page - STMicroelectronics STGAP2HS Datasheet HTML 7Page - STMicroelectronics STGAP2HS Datasheet HTML 8Page - STMicroelectronics STGAP2HS Datasheet HTML 9Page - STMicroelectronics STGAP2HS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RGON
-
Source RDS_ON
IGON = 100 mA
-
1.25
1.5
Ω
IGOFF
-
Sink short-circuit current
TJ = 25°C
-
4
-
A
TJ = -40 to +125°C
(1)
3
-
5.5
VGOFFL
-
Sink output low level voltage
IGOFF = 100 mA
-
100
120
mV
RGOFF
-
Sink RDS_ON
IGOFF = 100 mA
-
1.0
1.2
Ω
Miller Clamp
VCLAMPth
-
CLAMP voltage threshold
VCLAMP vs.GNDISO
1.3
2
2.6
V
ICLAMP
-
CLAMP short-circuit current
VCLAMP = 15V
A
TJ = 25°C
-
4
-
TJ = -40 to +125°C
(1)
2
-
5
VCLAMP_L
-
CLAMP low level output
voltage
ICLAMP = 100mA
-
96
115
mV
RCLAMP
-
CLAMP RDS_ON
ICLAMP = 100mA
-
0.96
1.15
Ω
Over-temperature protection
TSD
-
Shutdown temperature
-
170
-
-
°C
Thys
-
Temperature hysteresis
-
-
20
-
°C
Standby
tSTBY
-
Standby time
See Section 6.3
200
280
500
µs
tWUP
-
Wake-up time
See Section 6.3
10
20
35
µs
tawake
-
Wake-up delay
See Section 6.3
90
140
200
µs
tstbyfilt
-
Standby filter
See Section 6.3
200
280
800
ns
1. Characterization data, not tested in production.
STGAP2HS
Electrical characteristics
DS13393 - Rev 5
page 6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com