Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2120 Datasheet (PDF) - STMicroelectronics

UM2120 Datasheet PDF - STMicroelectronics
Part # UM2120
Download  UM2120 Download
File Size   2580.53 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver

UM2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM2120 Datasheet PDF - STMicroelectronics

Part # UM2120
Download  UM2120 Click to download

File Size   2580.53 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver

UM2120 Datasheet (HTML) - STMicroelectronics




Similar Part No. - UM2120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2100 MICROSEMI-UM2100 Datasheet
113Kb / 3P
PIN DIODE
UM2100 MICROSEMI-UM2100 Datasheet
329Kb / 9P
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
UM2100 MICROSEMI-UM2100_05 Datasheet
329Kb / 9P
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
UM2100 MICROSEMI-UM2100_09 Datasheet
299Kb / 6P
ATTENUATOR AND POWER PIN DIODES 2 ??30 MHz
UM2101 MICROSEMI-UM2101 Datasheet
113Kb / 3P
PIN DIODE
More results


Similar Description - UM2120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1839 STMICROELECTRONICS-UM1839 Datasheet
3Mb / 18P
demonstration board for STGAP1S galvanically
19-Nov-2014
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com