Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GS Datasheet (PDF) - STMicroelectronics

STGAP2GS Datasheet PDF - STMicroelectronics
Part # STGAP2GS
Download  STGAP2GS Download
File Size   551.02 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs

STGAP2GS Datasheet (PDF)

Go To PDF Page Download Datasheet
STGAP2GS Datasheet PDF - STMicroelectronics

Part # STGAP2GS
Download  STGAP2GS Click to download

File Size   551.02 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs

STGAP2GS Datasheet (HTML) - STMicroelectronics


STGAP2GS Product details

Features
• High voltage rail up to 1200 V
• Driver current capability: 2 A / 3 A source/sink @25 °C, VH = 6 V
• dV/dt transient immunity ±100 V/ns
• Input-output propagation delay: 45 ns
• Separate sink and source option for easy gate driving configuration
• UVLO function optimized for GaN
• Gate driving voltage up to 15 V
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Temperature shut-down protection
• Standby function
• Wide body SO-8W package

Application
• Motor driver for home appliances, factory automation, industrial drives and
fans.
• 600/1200 V inverters
• Wireless chargers
• UPS
• Power supply units
• DC-DC converters
• Power Factor Correction

Description
The STGAP2GS is a single gate driver which provides galvanic isolation between the
gate driving channel and the low voltage control and interface circuitry.
The gate driver is characterized by 2 A source and 3 A sink capability and rail-to-rail
outputs, making the device also suitable for mid and high power applications such as
power conversion and motor driver inverters in industrial applications.
The device allows to independently optimize turn-on and turn-off by using dedicated
gate resistors.
The device integrates protection functions including thermal shutdown and UVLO
with optimized level for Enhancement-mode GaN FETs, which enables easy design
high efficiency and reliable systems. Dual input pins allow the selection of signal
polarity control and implementation of HW interlocking protection to avoid crossconduction
in case of controller malfunction.
The input to output propagation delay results contained within 45 ns, providing high
PWM control accuracy.
A standby mode is available to reduce idle power consumption.




Similar Part No. - STGAP2GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSNC STMICROELECTRONICS-STGAP2GSNC Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSNCTR STMICROELECTRONICS-STGAP2GSNCTR Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
More results


Similar Description - STGAP2GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113_14 Datasheet
2Mb / 24P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
logo
Texas Instruments
LMG1205 TI1-LMG1205 Datasheet
1Mb / 24P
100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113-Q1 TI1-LM5113-Q1 Datasheet
2Mb / 26P
100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
STMicroelectronics
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com