Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GS Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGAP2GS
Description  Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2GS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGAP2GS Datasheet HTML 2Page - STMicroelectronics STGAP2GS Datasheet HTML 3Page - STMicroelectronics STGAP2GS Datasheet HTML 4Page - STMicroelectronics STGAP2GS Datasheet HTML 5Page - STMicroelectronics STGAP2GS Datasheet HTML 6Page - STMicroelectronics STGAP2GS Datasheet HTML 7Page - STMicroelectronics STGAP2GS Datasheet HTML 8Page - STMicroelectronics STGAP2GS Datasheet HTML 9Page - STMicroelectronics STGAP2GS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IQDDSBY
VDD
Standby VDD quiescent
supply current
Standby mode
40
65
µA
Logic inputs
Vil
IN+, IN-
Low-level logic threshold
voltage
0.29·VDD 0.33·VDD 0.37·VDD
V
Vih
IN+, IN-
High-level logic threshold
voltage
0.58·VDD 0.66·VDD 0.70·VDD
V
IINh
IN+, IN-
INx logic “1” input bias
current
INx = 5 V
33
50
70
µA
IINl
IN+, IN-
INx logic “0” input bias
current
INx = GND
1
µA
Rpd
IN+, IN-
Inputs pull-down resistors INx = 5 V
70
100
150
kΩ
Driver buffer section
IGON
GON
Source short-circuit
current
TJ = 25 °C
2
A
TJ = -40 ÷ +125 °C (1)
1.5
2.5
VGONH
GON
Source output high-level
voltage
IGON = 100 mA
VH-0.15
VH-0.12
V
RGON
GON
Source RDS_ON
IGON = 100 mA
1.25
1.5
Ω
IGOFF
GOFF
Sink short-circuit current
TJ = 25 °C
3
A
TJ = -40 ÷ +125 °C (1)
2.25
3.75
VGOFFL
GOFF
Sink output low-level
voltage
IGOFF = 100 mA
60
80
mV
RGOFF
GOFF
Sink RDS_ON
IGOFF = 100 mA
0.6
0.8
Ω
Overtemperature protection
TSD
Shutdown temperature (1)
170
°C
Thys
Temperature hysteresis (1)
20
°C
Standby
tSTBY
Standby time
See Section 6.6
200
280
500
µs
tWUP
Wake-up time
See Section 6.6
10
20
35
µs
tawake
Wake-up delay
See Section 6.6
1
2
3
µs
tstbyfilt
Standby filter
See Section 6.6
200
280
800
ns
1. Characterization data, not tested in production
STGAP2GS
Electrical
characteristics
DS14152 - Rev 1
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com