Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GS Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGAP2GS
Description  Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2GS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGAP2GS Datasheet HTML 9Page - STMicroelectronics STGAP2GS Datasheet HTML 10Page - STMicroelectronics STGAP2GS Datasheet HTML 11Page - STMicroelectronics STGAP2GS Datasheet HTML 12Page - STMicroelectronics STGAP2GS Datasheet HTML 13Page - STMicroelectronics STGAP2GS Datasheet HTML 14Page - STMicroelectronics STGAP2GS Datasheet HTML 15Page - STMicroelectronics STGAP2GS Datasheet HTML 16Page - STMicroelectronics STGAP2GS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
SO-8W package information
Table 10. SO-8W package dimensions
Symbol
Dimensions (mm)
Min.
Typ.
Max
A
2.34
2.64
A1
0.1
0.3
b
0.3
0.51
c
0.2
0.33
D(1)
5.64
6.05
e
1.27 BSC
E1
7.39
7.59
E
10.11
10.52
L
0.61
0.91
h
0.25
0.76
Ɵ
0°
8°
aaa
0.25
bbb
0.25
ccc
0.1
1. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15 mm per side.
STGAP2GS
Package information
DS14152 - Rev 1
page 13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com