Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GS Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGAP2GS
Description  Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2GS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGAP2GS Datasheet HTML 8Page - STMicroelectronics STGAP2GS Datasheet HTML 9Page - STMicroelectronics STGAP2GS Datasheet HTML 10Page - STMicroelectronics STGAP2GS Datasheet HTML 11Page - STMicroelectronics STGAP2GS Datasheet HTML 12Page - STMicroelectronics STGAP2GS Datasheet HTML 13Page - STMicroelectronics STGAP2GS Datasheet HTML 14Page - STMicroelectronics STGAP2GS Datasheet HTML 15Page - STMicroelectronics STGAP2GS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
9
Testing and characterization information
Figure 8. Timings definition
50%
50%
10%
90%
90%
10%
GON-GOFF
IN-
IN+
50%
50%
10%
90%
90%
10%
tDon
tDoff
tDon
tDoff
tf
tr
tf
tr
Figure 9. CMTI test circuit
I
S
O
L
A
T
I
O
N
VH
GOFF
GNDISO
VDD
GND
IN+
IN-
GON
+
VH
S1
+
-
G1
+
VDD
Output VOUT
monitoring node
STGAP2GS
Testing and characterization information
DS14152 - Rev 1
page 12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com