Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ1004 Datasheet (PDF) - Maxim Integrated Products

MAXQ1004 Datasheet PDF - Maxim Integrated Products
Part # MAXQ1004
Download  MAXQ1004 Download
File Size   1245.94 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire and SPI Authentication Microcontroller

MAXQ1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ1004 Datasheet PDF - Maxim Integrated Products

Part # MAXQ1004
Download  MAXQ1004 Click to download

File Size   1245.94 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire and SPI Authentication Microcontroller

MAXQ1004 Datasheet (HTML) - Maxim Integrated Products


MAXQ1004 Product details

General Description
The MAXQ1004 is a low-power microcontroller that integrates a 10-bit ADC, 1-WireM slave interface, SPIK, AES encryption, random-number generator (RNG), and temperature sensor with a 16-bit MAXQM pipelined CPU. Performance bandwidth is sufficient to handle master or slave challenge-response authentication in portable devices.

Features
♦ High-Performance, Low-Power, 16-Bit MAXQ20 RISC Core
♦ 6MHz Operation from an Internal Oscillator, Approaching 1MIPS per MHz
♦ 1.7V to 3.6V Wide Operating Voltage
♦ Three Independent Data Pointers Accelerate Data Movement with Automatic Increment/Decrement
♦ Up to Eight General-Purpose I/O Pins
♦ 16-Level Hardware Stack
♦ Optimized for C-Compiler (High-Speed/Density Code)
♦ Memory
    16KB Flash Memory, In-Application Programmable
    640B of Data RAM
    4KB of ROM
    JTAG/TAP Bootloader Mode for In-System Programming
♦ Peripheral Features
    10-Bit Delta-Sigma ADC, Internal Reference
    1-Wire Slave Interface
    On-Chip Power-On Reset (POR)/Power-Fail Reset
    Overvoltage Detection
    Programmable Watchdog Timer
    Built-In Temperature Sensor, ±6NC
♦ Secure Programming Interface
    Flash Programming Through Secure ROM Loader
    Secret Key Destruction on Mass Erase
    Permanent Loader Lockout Option
    Code and Secret Scrambling
♦ Unique 64-Bit Serial Number
♦ Low-Power Consumption
    300nA (typ) in Stop Mode
    3.75mA (typ) at 6MHz, 0.8mA (typ) at 1 MHz
    Low-Power Divide-by Modes (2, 4, 8, 256)
    1-Wire/Interrupt Activity Detector

Applications
    Portable Electronics
    Battery Chargers
    Battery Packs




Similar Part No. - MAXQ1004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ1010 MAXIM-MAXQ1010 Datasheet
483Kb / 2P
Security Token Microcontroller with RTC and USB
Rev 0; 4/10
MAXQ1010-A01+ MAXIM-MAXQ1010-A01+ Datasheet
483Kb / 2P
Security Token Microcontroller with RTC and USB
Rev 0; 4/10
MAXQ1010X-0000+ MAXIM-MAXQ1010X-0000+ Datasheet
483Kb / 2P
Security Token Microcontroller with RTC and USB
Rev 0; 4/10
MAXQ1050 MAXIM-MAXQ1050 Datasheet
813Kb / 3P
Secure USB Microcontroller with Asymmetric Cryptography
Rev 0; 4/11
MAXQ1050 MAXIM-MAXQ1050 Datasheet
816Kb / 3P
Secure USB Microcontroller with Asymmetric Cryptography
Rev 1; 7/11
More results


Similar Description - MAXQ1004

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703 Datasheet
238Kb / 20P
SHA-1 Battery Pack Authentication IC
logo
Maxim Integrated Produc...
DS2705 MAXIM-DS2705 Datasheet
211Kb / 18P
SHA-1 Authentication Master
050506
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
logo
Dallas Semiconductor
DS2705 DALLAS-DS2705_07 Datasheet
339Kb / 18P
SHA-1 Authentication Master
logo
NXP Semiconductors
A7001AG NXP-A7001AG Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
logo
Texas Instruments
BQ26100 TI1-BQ26100_15 Datasheet
955Kb / 29P
Based Security and Authentication IC
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703_07 Datasheet
369Kb / 20P
SHA-1 Battery Pack Authentication IC
logo
Maxim Integrated Produc...
DS2705 MAXIM-DS2705_V01 Datasheet
356Kb / 18P
SHA-1 Authentication Master
2007
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com