Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ1010 Datasheet (PDF) - Maxim Integrated Products

MAXQ1010 Datasheet PDF - Maxim Integrated Products
Part # MAXQ1010
Download  MAXQ1010 Download
File Size   483.93 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Security Token Microcontroller with RTC and USB

MAXQ1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ1010 Datasheet PDF - Maxim Integrated Products

Part # MAXQ1010
Download  MAXQ1010 Click to download

File Size   483.93 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Security Token Microcontroller with RTC and USB

MAXQ1010 Datasheet (HTML) - Maxim Integrated Products


MAXQ1010 Product details

General Description
The MAXQ1010 is a small, low-cost, low-power secure microcontroller designed for security token applications and battery-powered applications where power and security are both critically important.

Features
♦ High-Performance, Low-Power, 16-Bit RISC Core
♦ DC to 12MHz Operation Across Entire Operating Range
♦ 6MHz Internal Oscillator
♦ 12MHz External Crystal (Required for USB Operation)
♦ 1.7V to 3.6V Operating Voltage Range
♦ 33 Total Instructions for Simplified Programming
♦ Three Independent Data Pointers Accelerate Data Movement with Automatic Increment/Decrement
♦ Dedicated Pointer for Direct Read from Code Space
♦ 16-Bit Instruction Word, 16-Bit Data Bus
♦ 16 x 16-Bit General-Purpose Working Registers
♦ 1-Wire® Interface for Debugger and Flash Programming
♦ Security Features
    DES and AES Hardware Accelerators
    Hardware True RNG
    Self-Destruct Input Pin
    128B, Fast Wipe, Secure Secret Key SRAM
    RTC with Integrated Oscillator
♦ Memory
    32/64/128KB Flash 512-Byte Memory Page Sectors 20,000 Erase/Write Cycles per Sector
    Up to 2KB Data SRAM
    6KB Utility ROM with User-Callable Routines
♦ I/O and Peripherals
    USB 2.0 SIE and Transceiver
    SPI and USART I2C Communication Ports
    ISO 7816 UART
    31 General-Purpose I/O Pins
    Up to 15 External Interrupts Available
♦ Low Power Consumption
    Single 1.7V to 3.6V Supply
    < 1µA Current in Lowest Power Stop Mode
    Divided System Clock Modes Available
♦ Additional Peripherals
    Power-Fail Warning
    Power-On Reset (POR)
    Programmable Watchdog Timer

Applications
    One-Time Password Generator
    USB Card Readers




Similar Part No. - MAXQ1010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ1004 MAXIM-MAXQ1004 Datasheet
1Mb / 18P
1-Wire and SPI Authentication Microcontroller
19-5258; Rev 0; 4/10
MAXQ1004-B01+ MAXIM-MAXQ1004-B01+ Datasheet
1Mb / 18P
1-Wire and SPI Authentication Microcontroller
19-5258; Rev 0; 4/10
MAXQ1050 MAXIM-MAXQ1050 Datasheet
813Kb / 3P
Secure USB Microcontroller with Asymmetric Cryptography
Rev 0; 4/11
MAXQ1050 MAXIM-MAXQ1050 Datasheet
816Kb / 3P
Secure USB Microcontroller with Asymmetric Cryptography
Rev 1; 7/11
MAXQ1050 MAXIM-MAXQ1050 Datasheet
816Kb / 3P
Secure USB Microcontroller with Asymmetric Cryptography
Rev 2; 11/11
More results


Similar Description - MAXQ1010

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA64F3048SEC INNOVASIC-IA64F3048SEC Datasheet
19Kb / 2P
SECURITY-ENHANCED MICROCONTROLLER
IAH8 INNOVASIC-IAH8 Datasheet
21Kb / 2P
SECURITY-ENHANCED MICROCONTROLLER
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
logo
NXP Semiconductors
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
logo
Freescale Semiconductor...
TWR-K60N512 FREESCALE-TWR-K60N512 Datasheet
470Kb / 8P
Low-power MCU with USB Ethernet and security
logo
NXP Semiconductors
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com