Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4532 Datasheet (PDF) - NXP Semiconductors

1N4532 Datasheet PDF - NXP Semiconductors
Part # 1N4532
Download  1N4532 Download
File Size   127.38 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed diodes

1N4532 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4532 Datasheet PDF - NXP Semiconductors

Part # 1N4532
Download  1N4532 Click to download

File Size   127.38 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed diodes

1N4532 Datasheet (HTML) - NXP Semiconductors


1N4532 Product details

DESCRIPTION
The 1N4531, 1N4532 are high-speed switching diodes fabricated in planar technology, and encapsulated in hermetically sealed leaded glass SOD68 (DO-34) packages.

FEATURES
• Hermetically sealed leaded glass
    SOD68 (DO-34) package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
    max. 75 V
• Repetitive peak reverse voltage:
    max. 75 V
• Repetitive peak forward current:
    max. 450 mA.

APPLICATIONS
• High-speed switching
• Protection diodes in reed relays.




Similar Part No. - 1N4532

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4532 MICROSEMI-1N4532 Datasheet
44Kb / 1P
COMPUTER DIODE
1N4532 MICROSEMI-1N4532 Datasheet
147Kb / 3P
COMPUTER DIODE Switching
1N4532 MICROSEMI-1N4532 Datasheet
92Kb / 1P
SWITCHING DIODE
logo
SEMTECH ELECTRONICS LTD...
1N4532 SEMTECH_ELEC-1N4532 Datasheet
118Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
SynSemi, Inc.
1N4532 SYNSEMI-1N4532 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
More results


Similar Description - 1N4532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
High-speed diodes
1999 May 25
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
High-speed diodes
1996 Sep 03
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
High-speed diodes
1996 Sep 18
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
High-speed diodes
1996 Apr 15
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
High-speed diodes
1996 Sep 03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com