Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX605 Datasheet (PDF) - Zetex Semiconductors

FCX605 Datasheet PDF - Zetex Semiconductors
Part # FCX605
Download  FCX605 Download
File Size   107.38 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR

FCX605 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX605 Datasheet PDF - Zetex Semiconductors

Part # FCX605
Download  FCX605 Click to download

File Size   107.38 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR

FCX605 Datasheet (HTML) - Zetex Semiconductors


FCX605 Product details

DESCRIPTION
This new NPN Darlington transistor provides users with very efficeint performance combining low VCE (sat) and very high Hfe to give extremely low on state losses at 120V operation. This makes it deal for use in a variety of efficient driving functions including motors, lamps relays and solenoids and will also benefit circuits requiring high output current switching.

FEATURES
• Low Saturation Voltage
• Hfe min 2K @ 1A
• IC= 1A Continuous
• SOT89 package with Plot 1W
• Specification is also available in Eline and SOT223 package outlines

APPLICATIONS
• Various driving functions
    - Lamps
    - Motors
    - Relays and solenoids
• High output current switches




Similar Part No. - FCX605

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX605 DIODES-FCX605 Datasheet
168Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
SEPTEMBER 2005
FCX605TA DIODES-FCX605TA Datasheet
168Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
SEPTEMBER 2005
More results


Similar Description - FCX605

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2540 NTE-NTE2540 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington, High Voltage Switch
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705_02 Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX605 DIODES-FCX605 Datasheet
168Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
SEPTEMBER 2005
FCX705 DIODES-FCX705 Datasheet
135Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
DECEMBER 2002
FZT605 DIODES-FZT605_13 Datasheet
424Kb / 7P
120V NPN DARLINGTON TRANSISTOR IN SOT223
Rev 5
logo
Unisonic Technologies
UDT1605 UTC-UDT1605 Datasheet
111Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com