Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX605 Datasheet (PDF) - Diodes Incorporated

FCX605 Datasheet PDF - Diodes Incorporated
Part # FCX605
Download  FCX605 Download
File Size   168.88 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR

FCX605 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX605 Datasheet PDF - Diodes Incorporated

Part # FCX605
Download  FCX605 Click to download

File Size   168.88 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR

FCX605 Datasheet (HTML) - Diodes Incorporated


FCX605 Product details

Features
• BVCEO > 120V
• Low Saturation Voltage < 1.5V @ 1A
• Darlington Transistor hFE > 2k @ 1A
• IC = 1A High Continuous Collector Current
• Specification is Also Available in Eline and SOT223 Package Outlines
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Various Driving Functions
    • Lamps
    • Motors
    • Relays and Solenoids
• High Output Current Switches




Similar Part No. - FCX605

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
FCX605TA ZETEX-FCX605TA Datasheet
107Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results


Similar Description - FCX605

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2540 NTE-NTE2540 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington, High Voltage Switch
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705_02 Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX705 DIODES-FCX705 Datasheet
135Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
DECEMBER 2002
FZT605 DIODES-FZT605_13 Datasheet
424Kb / 7P
120V NPN DARLINGTON TRANSISTOR IN SOT223
Rev 5
logo
Unisonic Technologies
UDT1605 UTC-UDT1605 Datasheet
111Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com