Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT451 Datasheet (PDF) - Zetex Semiconductors

FMMT451 Datasheet PDF - Zetex Semiconductors
Part # FMMT451
Download  FMMT451 Download
File Size   132.91 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR

FMMT451 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT451 Datasheet PDF - Zetex Semiconductors

Part # FMMT451
Download  FMMT451 Click to download

File Size   132.91 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR

FMMT451 Datasheet (HTML) - Zetex Semiconductors


FMMT451 Product details

FEATURES
* Low equivalent on-resistance; RCE(sat) 400mΩ at 1A
* 1 Amp continuous current
* Ptot= 500 mW




Similar Part No. - FMMT451

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT451 KEXIN-FMMT451 Datasheet
35Kb / 1P
High Perfromance Transistor
logo
Diodes Incorporated
FMMT451 DIODES-FMMT451 Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
OCTOBER 1995
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results


Similar Description - FMMT451

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT5179 ZETEX-FMMT5179 Datasheet
62Kb / 2P
NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ZUMT5179 ZETEX-ZUMT5179 Datasheet
28Kb / 2P
NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
GTM CORPORATION
GM156 GTM-GM156 Datasheet
264Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
FMMT451 KEXIN-FMMT451 Datasheet
35Kb / 1P
High Perfromance Transistor
logo
Diodes Incorporated
FMMT451 DIODES-FMMT451 Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
OCTOBER 1995
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com