Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT5179 Datasheet (PDF) - Zetex Semiconductors

FMMT5179 Datasheet PDF - Zetex Semiconductors
Part # FMMT5179
Download  FMMT5179 Download
File Size   62.71 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR

FMMT5179 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT5179 Datasheet PDF - Zetex Semiconductors

Part # FMMT5179
Download  FMMT5179 Click to download

File Size   62.71 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR

FMMT5179 Datasheet (HTML) - Zetex Semiconductors


FMMT5179 Product details

FEATURES
* High fT=900MHz Min
* Max capacitance=1pF
* Low noise 4.5dB

PARTMARKING DETAIL - 179




Similar Part No. - FMMT5179

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMMT5179 FAIRCHILD-FMMT5179 Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
More results


Similar Description - FMMT5179

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
MPS5179 ZETEX-MPS5179 Datasheet
135Kb / 3P
NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
ZUMT5179 ZETEX-ZUMT5179 Datasheet
28Kb / 2P
NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Cystech Electonics Corp...
BTC5177N3 CYSTEKEC-BTC5177N3 Datasheet
154Kb / 3P
High Frequency NPN Epitaxial Planar Transistor
BTC5179S3 CYSTEKEC-BTC5179S3 Datasheet
157Kb / 3P
High Frequency NPN Epitaxial Planar Transistor
BTC5181WC3 CYSTEKEC-BTC5181WC3 Datasheet
160Kb / 3P
High Frequency NPN Epitaxial Planar Transistor
logo
Diodes Incorporated
ZUMT5179 DIODES-ZUMT5179 Datasheet
34Kb / 2P
SOT323 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
NOVEMBER 1998
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com