Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS5179 Datasheet (PDF) - Zetex Semiconductors

MPS5179 Datasheet PDF - Zetex Semiconductors
Part # MPS5179
Download  MPS5179 Download
File Size   135.79 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR

MPS5179 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS5179 Datasheet PDF - Zetex Semiconductors

Part # MPS5179
Download  MPS5179 Click to download

File Size   135.79 Kbytes
Page   3 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR

MPS5179 Datasheet (HTML) - Zetex Semiconductors


MPS5179 Product details

FEATURES

* HIGH fT=900MHz MIN

* MAX CAPACITANCE=1pF

* LOW NOISE 5dB



APPLICATIONS

* CORDLESS TELEPHONES

* KEYLESS ENTRY SYSTEMS

* WIDEBAND INSTRUMENTATION AMPLIFIERS

* TELEMETRY

* WIRELESS LANS

* REMOTE METERING

* TAGGING



 




Similar Part No. - MPS5179

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179 Datasheet
96Kb / 4P
High Frequency Transistor(NPN Silicon)
1996
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
NPN (HIGH FREQUENCY TRANSISTOR)
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
NPN RF Transistor
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179 Datasheet
42Kb / 3P
High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
490Kb / 12P
NPN RF Transistor
More results


Similar Description - MPS5179

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT5179 ZETEX-FMMT5179 Datasheet
62Kb / 2P
NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
ZUMT5179 ZETEX-ZUMT5179 Datasheet
28Kb / 2P
NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Cystech Electonics Corp...
BTC5177N3 CYSTEKEC-BTC5177N3 Datasheet
154Kb / 3P
High Frequency NPN Epitaxial Planar Transistor
BTC5179S3 CYSTEKEC-BTC5179S3 Datasheet
157Kb / 3P
High Frequency NPN Epitaxial Planar Transistor
BTC5181WC3 CYSTEKEC-BTC5181WC3 Datasheet
160Kb / 3P
High Frequency NPN Epitaxial Planar Transistor
logo
Diodes Incorporated
ZUMT5179 DIODES-ZUMT5179 Datasheet
34Kb / 2P
SOT323 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
NOVEMBER 1998
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com