Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVTS Datasheet (PDF) - Schurter Inc.

AVTS Datasheet PDF - Schurter Inc.
Part # AVTS
Download  AVTS Download
File Size   998.75 Kbytes
Page   7 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Radial Leaded Varistor (MOV), 11 - 95 VAC, 14 - 127 VDC

AVTS Datasheet (PDF)

Go To PDF Page Download Datasheet
AVTS Datasheet PDF - Schurter Inc.

Part # AVTS
Download  AVTS Click to download

File Size   998.75 Kbytes
Page   7 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Radial Leaded Varistor (MOV), 11 - 95 VAC, 14 - 127 VDC

AVTS Datasheet (HTML) - Schurter Inc.




Similar Part No. - AVTS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVT VISHAY-AVT Datasheet
124Kb / 6P
High temperature vitreous coating
03-Jun-16
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-100 ETC2-AVT-100 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-130 ETC2-AVT-130 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-160 ETC2-AVT-160 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
More results


Similar Description - AVTS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AVTP SCHURTER-AVTP Datasheet
1Mb / 8P
Radial Leaded Varistor (MOV), 120 - 360 VAC, 160 - 470 VDC
AVTT SCHURTER-AVTT Datasheet
864Kb / 6P
Radial Leaded Varistor (MOV), 390 - 1000 VAC, 500 - 1200 VDC
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
07D UNSEMI-07D Datasheet
2Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
Radial Lead Varistor (MOV)
Revision March 1,2022
40D UNSEMI-40D Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com