Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVTS Datasheet(PDF) 2 Page - Schurter Inc.

Part # AVTS
Description  Radial Leaded Varistor (MOV), 11 - 95 VAC, 14 - 127 VDC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AVTS Datasheet(HTML) 2 Page - Schurter Inc.

  AVTS Datasheet HTML 1Page - Schurter Inc. AVTS Datasheet HTML 2Page - Schurter Inc. AVTS Datasheet HTML 3Page - Schurter Inc. AVTS Datasheet HTML 4Page - Schurter Inc. AVTS Datasheet HTML 5Page - Schurter Inc. AVTS Datasheet HTML 6Page - Schurter Inc. AVTS Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image

Varistors
AVTS
www.schurter.com/pg03
Fuses
Dimensions
Rated
Voltage
Disc size A max
B max
C
D
E
F
G
Order Number
[VAC]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
11
5
7
8.5
5
0.6
3.3
1.2
5.1
0070.1111.xx
11
7
9
11
5
0.6
3.4
1.2
5.1
0070.1121.xx
11
10
12
14.5
7.5
0.8
4
1.4
7.6
0070.1141.xx
11
14
15.5
18.5
7.5
0.8
4
1.4
7.6
0070.1161.xx
11
20
21.5
25.5
10
1
4.5
1.5
10.1
0070.1181.xx
14
5
7
8.5
5
0.6
3.4
1.3
5.2
0070.1411.xx
14
7
9
11
5
0.6
3.5
1.3
5.2
0070.1421.xx
14
10
12
14.5
7.5
0.8
4.2
1.5
7.6
0070.1441.xx
14
14
15.5
18.5
7.5
0.8
4.2
1.5
7.6
0070.1461.xx
14
20
21.5
25.5
10
1
4.6
1.6
10.1
0070.1481.xx
17
5
7
8.5
5
0.6
3.5
1.4
5.2
0070.1711.xx
17
7
9
11
5
0.6
3.6
1.4
5.2
0070.1721.xx
17
10
12
14.5
7.5
0.8
4.4
1.6
7.7
0070.1741.xx
17
14
15.5
18.5
7.5
0.8
4.4
1.7
7.7
0070.1761.xx
17
20
21.5
25.5
10
1
4.8
1.8
10.2
0070.1781.xx
20
5
7
8.5
5
0.6
3.5
1.2
5.1
0070.2011.xx
20
7
9
11
5
0.6
3.6
1.2
5.1
0070.2021.xx
20
10
12
14.5
7.5
0.8
4.5
1.8
7.7
0070.2041.xx
20
14
15.5
18.5
7.5
0.8
4.6
1.9
7.7
0070.2061.xx
20
20
21.5
25.5
10
1
5.1
2.1
10.2
0070.2081.xx
25
5
7
8.5
5
0.6
3.6
1.3
5.2
0070.2511.xx
25
7
9
11
5
0.6
3.7
1.3
5.2
0070.2521.xx
25
10
12
14.5
7.5
0.8
4.2
1.6
7.7
0070.2541.xx
25
14
15.5
18.5
7.5
0.8
4.2
1.7
7.7
0070.2561.xx
25
20
21.5
25.5
10
1
4.7
1.8
10.2
0070.2581.xx
30
5
7
8.5
5
0.6
3.6
1.5
5.2
0070.3011.xx
30
7
9
11
5
0.6
3.7
1.5
5.2
0070.3021.xx
30
10
12
14.5
7.5
0.8
4.4
1.7
7.7
0070.3041.xx
30
14
15.5
18.5
7.5
0.8
4.4
1.8
7.7
0070.3061.xx
30
20
21.5
25.5
10
1
4.9
2
10.2
0070.3081.xx
35
5
7
8.5
5
0.6
3.7
1.6
5.2
0070.3511.xx
35
7
9
11
5
0.6
3.9
1.6
5.2
0070.3521.xx
35
10
12
14.5
7.5
0.8
4.4
1.8
7.7
0070.3541.xx
35
14
15.5
18.5
7.5
0.8
4.5
2
7.8
0070.3561.xx
35
20
21.5
25.5
10
1
5.1
2.2
10.2
0070.3581.xx
40
5
7
8.5
5
0.6
3.9
1.8
5.3
0070.4011.xx
40
7
9
11
5
0.6
4.1
1.8
5.3
0070.4021.xx
40
10
12
14.5
7.5
0.8
4.8
2.1
7.8
0070.4041.xx
40
14
15.5
18.5
7.5
0.8
4.9
2.2
7.8
0070.4061.xx
40
20
21.5
25.5
10
1
5.4
2.4
10.3
0070.4081.xx
50
5
7
8.5
5
0.6
3.3
1.2
5.1
0070.5011.xx
50
7
9
11
5
0.6
3.3
1.2
5.1
0070.5021.xx
50
10
12
14.5
7.5
0.8
3.9
1.4
7.6
0070.5041.xx
50
14
15.5
18.5
7.5
0.8
3.9
1.4
7.6
0070.5061.xx
50
20
21.5
25.5
10
1
4.3
1.5
10.1
0070.5081.xx
60
5
7
8.5
5
0.6
3.3
1.2
5.1
0070.6011.xx
60
7
9
11
5
0.6
3.3
1.2
5.1
0070.6021.xx
60
10
12
14.5
7.5
0.8
4
1.4
7.6
0070.6041.xx
60
14
15.5
18.5
7.5
0.8
4
1.5
7.6
0070.6061.xx
60
20
21.5
25.5
10
1
4.4
1.6
10.1
0070.6081.xx
75
5
7
8.5
5
0.6
3.4
1.3
5.2
0070.7511.xx
75
7
9
11
5
0.6
3.6
1.3
5.2
0070.7521.xx
75
10
12
14.5
7.5
0.8
4.2
1.5
7.6
0070.7541.xx
75
14
15.5
18.5
7.5
0.8
4.2
1.5
7.6
0070.7561.xx



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com