Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT625 Datasheet (PDF) - Zetex Semiconductors

FMMT625 Datasheet PDF - Zetex Semiconductors
Part # FMMT625
Download  FMMT625 Download
File Size   308.81 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON POWER (SWITCHING) TRANSISTORS

FMMT625 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT625 Datasheet PDF - Zetex Semiconductors

Part # FMMT625
Download  FMMT625 Click to download

File Size   308.81 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON POWER (SWITCHING) TRANSISTORS

FMMT625 Datasheet (HTML) - Zetex Semiconductors


FMMT625 Product details

FEATURES
* 625mW POWER DISSIPATION
* IC CONT 3A
* 12A Peak Pulse Current
* Excellent HFE Characteristics Up To 12A (pulsed)
* Extremely Low Saturation Voltage E.g. 8mV Typ.
* Extremely Low Equivalent On Resistance; RCE(sat)




Similar Part No. - FMMT625

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT625 DIODES-FMMT625 Datasheet
307Kb / 4P
SOT23 NPN SILICON POWER
NOVEMBER 1995
FMMT625 DIODES-FMMT625 Datasheet
187Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
APRIL 97
logo
Guangdong Kexin Industr...
FMMT625 KEXIN-FMMT625 Datasheet
1Mb / 4P
NPN Transistors
logo
Diodes Incorporated
FMMT625TA DIODES-FMMT625TA Datasheet
187Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
APRIL 97
logo
Guangdong Kexin Industr...
FMMT625 KEXIN-FMMT625_15 Datasheet
1Mb / 4P
NPN Transistors
More results


Similar Description - FMMT625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
Switching Transistors(NPN Silicon)
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
NPN Silicon Switching Transistors
2007-09-20
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
NPN Silicon Switching Transistors
2012-08-21
logo
New Jersey Semi-Conduct...
BUX86 NJSEMI-BUX86 Datasheet
117Kb / 2P
NPN silicon epibase power switching transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com