Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT625TA Datasheet (PDF) - Diodes Incorporated

FMMT625TA Datasheet PDF - Diodes Incorporated
Part # FMMT625TA
Download  FMMT625TA Download
File Size   187.82 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23

FMMT625TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT625TA Datasheet PDF - Diodes Incorporated

Part # FMMT625TA
Download  FMMT625TA Click to download

File Size   187.82 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23

FMMT625TA Datasheet (HTML) - Diodes Incorporated


FMMT625TA Product details

Features
• VCEO = 150V
• IC = 1A
• 625mW Power dissipation
• Low Equivalent On Resistance
• Low Saturation Voltage
• hFE characterised up to 3.0A
• Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
• “Green” Devices (Note 2)

Applications
• DC-DC Modules
• Power Management Functions
• Motor control and drive functions




Similar Part No. - FMMT625TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT625 ZETEX-FMMT625 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT625 DIODES-FMMT625 Datasheet
307Kb / 4P
SOT23 NPN SILICON POWER
NOVEMBER 1995
logo
Guangdong Kexin Industr...
FMMT625 KEXIN-FMMT625 Datasheet
1Mb / 4P
NPN Transistors
FMMT625 KEXIN-FMMT625_15 Datasheet
1Mb / 4P
NPN Transistors
logo
Diodes Incorporated
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results


Similar Description - FMMT625TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DS32123 Rev. 2 - 2
FMMT624 DIODES-FMMT624 Datasheet
202Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT-23
October 2010
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com