Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB-09GP Datasheet (PDF) - CITIZEN ELECTRONICS CO., LTD.

CB-09GP Datasheet PDF - CITIZEN ELECTRONICS CO., LTD.
Part # CB-09GP
Download  CB-09GP Download
File Size   449.49 Kbytes
Page   1 Pages
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.
Description voltage 5(V),Driving frequency 2700(Hz)

CB-09GP Datasheet (PDF)

Go To PDF Page Download Datasheet
CB-09GP Datasheet PDF - CITIZEN ELECTRONICS CO., LTD.

Part # CB-09GP
Download  CB-09GP Click to download

File Size   449.49 Kbytes
Page   1 Pages
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.
Description voltage 5(V),Driving frequency 2700(Hz)

CB-09GP Datasheet (HTML) - CITIZEN ELECTRONICS CO., LTD.


CB-09GP Product details

Features

1. Small size and lightweight for versatile usage

2. Non-mechanical contacts afford high reliability and long life.

3. No electrical noise

4. Low current consumption, yet high sound pressuure level

5. Clear and stable sound quality is obtainable.



Application

  Mobile telephones, cordless telephones, electric home appliances, clocks, office automation equipment, timers etc.



 




Similar Part No. - CB-09GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB-09GP ETC-CB-09GP Datasheet
218Kb / 1P
Connection leads竊싷섟,竊?竊
logo
CITIZEN ELECTRONICS CO....
CB-09GP CITIZEN-CB-09GP Datasheet
451Kb / 2P
Small Magnetic Type Buzzer
More results


Similar Description - CB-09GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7740 AD-AD7740 Datasheet
144Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV.0
logo
CITIZEN ELECTRONICS CO....
CB-12QP-09 CITIZEN-CB-12QP-09 Datasheet
452Kb / 1P
Rated voltage 1.5(V), Driving frequency 2700(Hz)
logo
Analog Devices
AD7740YRMZ AD-AD7740YRMZ Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRTZ-REEL7 AD-AD7740YRTZ-REEL7 Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_15 Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10052G5W0T WALSIN-RFLPF10052G5W0T Datasheet
628Kb / 7P
2400~2700 MHz Working Frequency
RFLPF1608060F6T WALSIN-RFLPF1608060F6T Datasheet
541Kb / 7P
1700 ~ 2700 MHz Working Frequency
logo
Mallory Sonalert Produc...
SNP2R MSPI-SNP2R Datasheet
49Kb / 1P
Frequency 2900 Hz 짹500 Hz
MAS800Q MSPI-MAS800Q Datasheet
102Kb / 1P
Oscillation Frequency (Hz) 2700 ± 500
MAS800SQ MSPI-MAS800SQ Datasheet
112Kb / 1P
Oscillation Frequency (Hz) 2700 ± 500
More results




About CITIZEN ELECTRONICS CO., LTD.


CITIZEN ELECTRONICS CO., LTD. is a Japanese company that specializes in the development, manufacturing, and sales of electronic components and devices. The company was founded in 1970 and is headquartered in Tokyo, Japan.

CITIZEN ELECTRONICS' product portfolio includes a wide range of electronic components, such as LEDs, photodiodes, photo couplers, and crystal units. These products are used in various applications, including lighting, automotive, consumer electronics, industrial equipment, and medical devices.

One of CITIZEN ELECTRONICS' key areas of expertise is in the development and manufacturing of high-quality LEDs. The company produces a wide range of LED products, including through-hole LEDs, surface-mount LEDs, and chip LEDs, in various colors and sizes. CITIZEN ELECTRONICS' LEDs are known for their high brightness, long lifespan, and energy efficiency.

The company also places a strong emphasis on sustainability and environmental responsibility, and has developed a range of eco-friendly LED products that are free from harmful substances such as mercury and lead.

Overall, CITIZEN ELECTRONICS is a well-established player in the electronic components industry, with a reputation for producing high-quality products that meet the needs of a wide range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com