Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5817 Datasheet (PDF) - Diotech Company.

1N5817 Datasheet PDF - Diotech Company.
Part # 1N5817
Download  1N5817 Download
File Size   657.86 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SCHOTTKY BARRIER RECTIFIER

1N5817 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5817 Datasheet PDF - Diotech Company.

Part # 1N5817
Download  1N5817 Click to download

File Size   657.86 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SCHOTTKY BARRIER RECTIFIER

1N5817 Datasheet (HTML) - Diotech Company.


1N5817 Product details

Reverse Voltage - 20 to 40 Volts Forward Current - 1.0 Ampere

FEATURES
● Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
● Metal silicon junction,majority carrier conduction
● Guardring for overvoltage protection
● Low power loss,high efficiency
● High current capability,low forward voltage drop
● High surge capability
● For use in low voltage,high frequency inverters,
   free wheeling,and polarity protection applications
● High temperature soldering guaranteed:
   250 °C/10 seconds,0.375”(9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - 1N5817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N5817 PHILIPS-1N5817 Datasheet
37Kb / 9P
Schottky barrier diodes
1996 May 03
logo
STMicroelectronics
1N5817 STMICROELECTRONICS-1N5817 Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
More results


Similar Description - 1N5817

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com