Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT751 Datasheet (PDF) - Zetex Semiconductors

FZT751 Datasheet PDF - Zetex Semiconductors
Part # FZT751
Download  FZT751 Download
File Size   97.03 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR

FZT751 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT751 Datasheet PDF - Zetex Semiconductors

Part # FZT751
Download  FZT751 Click to download

File Size   97.03 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR

FZT751 Datasheet (HTML) - Zetex Semiconductors


FZT751 Product details

60V PNP HIGH PERFORMANCE TRANSISTOR

Features
•BVCEO> -60V
•IC= -3A high Continuous Current
•ICM= -6A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -300mV @ -1A
• Complementary NPN Type: FZT651
•  Lead-Free Finish; RoHS compliant (Notes 1 & 2)
•  Halogen and Antimony Free. “Green” Device (Note 3)
•  Qualified to AEC-Q101 Standards for High Reliability
•  PPAP capable (Note 4)

Applications
•Automotive lighting
• MOSFET and IGBT gate driving




Similar Part No. - FZT751

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT751 KEXIN-FZT751 Datasheet
37Kb / 2P
High Performance Transistor
logo
Diodes Incorporated
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
FZT751Q DIODES-FZT751Q Datasheet
265Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT751Q DIODES-FZT751Q Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
FZT751QTA DIODES-FZT751QTA Datasheet
265Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
More results


Similar Description - FZT751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX589 ZETEX-FCX589 Datasheet
18Kb / 1P
PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GL157 GTM-GL157 Datasheet
308Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
GM157 GTM-GM157 Datasheet
353Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Zetex Semiconductors
ZUMT591 ZETEX-ZUMT591 Datasheet
50Kb / 2P
SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
PNP Silicon Planar High Current (High Performance) Transistor
logo
Diodes Incorporated
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
ZUMT591 DIODES-ZUMT591 Datasheet
57Kb / 2P
SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
OCTOBER 1994
logo
SeCoS Halbleitertechnol...
PZT157 SECOS-PZT157 Datasheet
1Mb / 2P
PNP Transistor Silicon Planar High Performance Transistor
logo
Diodes Incorporated
ZUMT591 DIODES-ZUMT591_15 Datasheet
57Kb / 2P
SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
OCTOBER 1994
logo
Micro Commercial Compon...
FMMT718 MCC-FMMT718 Datasheet
450Kb / 4P
PNP Silicon Planar High Performance Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com