Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66DP Datasheet (PDF) - NXP Semiconductors

74HC2G66DP Datasheet PDF - NXP Semiconductors
Part # 74HC2G66DP
Download  74HC2G66DP Download
File Size   203.58 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual single-pole single-throw analog switch

74HC2G66DP Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G66DP Datasheet PDF - NXP Semiconductors

Part # 74HC2G66DP
Download  74HC2G66DP Click to download

File Size   203.58 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual single-pole single-throw analog switch

74HC2G66DP Datasheet (HTML) - NXP Semiconductors


74HC2G66DP Product details

General description

74HC2G66 and 74HCT2G66 are high-speed Si-gate CMOS devices. They are dual single-pole single-throw analog switches. Each switch has two input/output pins (nY and nZ) and an active HIGH enable input pin (nE). When pin nE is LOW, the analog switch is turned off.



Features and benefits

Wide supply voltage range from 2.0 V to 10.0 V for 74HC2G66

Very low ON resistance:

   41 Ω (typ.) at VCC = 4.5 V

   30 Ω (typ.) at VCC = 6.0 V

    21 Ω (typ.) at VCC = 9.0 V

High noise immunity

Low power dissipation

25 mA continuous switch current

Multiple package options

ESD protection:

   HBM JESD22-A114F exceeds 2000 V

   MM JESD22-A115-A exceeds 200 V

Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G66DP PHILIPS-74HC2G66DP Datasheet
130Kb / 20P
Bilateral switches
2004 May 19
74HC2G66DP NXP-74HC2G66DP Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66DP NEXPERIA-74HC2G66DP Datasheet
288Kb / 19P
Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
274Kb / 17P
Dual single-pole single-throw analog switch
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
273Kb / 17P
Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results


Similar Description - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
Dual single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com