Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66DP Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC2G66DP Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC2G66DP
Download  74HC2G66DP Download
File Size   288.26 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual single-pole single-throw analog switch

74HC2G66DP Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G66DP Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC2G66DP
Download  74HC2G66DP Click to download

File Size   288.26 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual single-pole single-throw analog switch

74HC2G66DP Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC2G66DP Product details

1. General description
The 74HC2G66; 74HCT2G66 is a dual single pole, single-throw analog switch. Each switch has
two input/output terminals (nY and nZ) and a digital enable input (nE). When nE is LOW, the analog
switch is turned off. Inputs include clamp diodes. This enables the use of current limiting resistors
to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 10.0 V for 74HC2G66
• Very low ON resistance:
• 41 Ω (typ.) at VCC = 4.5 V
• 30 Ω (typ.) at VCC = 6.0 V
• 21 Ω (typ.) at VCC = 9.0 V
• High noise immunity
• Low power dissipation
• 25 mA continuous switch current
• Multiple package options
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G66DP PHILIPS-74HC2G66DP Datasheet
130Kb / 20P
Bilateral switches
2004 May 19
74HC2G66DP NXP-74HC2G66DP Datasheet
203Kb / 21P
Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HC2G66DP NXP-74HC2G66DP Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
274Kb / 17P
Dual single-pole single-throw analog switch
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
273Kb / 17P
Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results


Similar Description - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
Dual single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com