Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66DP Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC2G66DP
Description  Dual single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G66DP Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC2G66DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Nexperia
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
9. Recommended operating conditions
Table 6. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
74HC2G66
74HCT2G66
Symbol Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
10.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0
-
VCC V
VO
output voltage
0
-
VCC
0
-
VCC V
VSW
switch voltage
[1]
0
-
VCC
0
-
VCC V
Tamb
ambient temperature
-40
+25
+125
-40
+25
+125 °C
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 10.0 V
-
-
35
-
-
-
ns/V
[1] To avoid drawing VCC current out of pin nZ, when switch current flows in pin nY, the voltage drop across the bidirectional switch must
not exceed 0.4 V. If the switch current flows into pin nZ, no VCC current will flow out of terminal nY. In this case there is no limit for the
voltage drop across the switch, but the voltage at pins nY and nZ may not exceed VCC or GND.
10. Static characteristics
Table 7. Static characteristics
Voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ [1] Max
Min
Max
Unit
74HC2G66
VCC = 2.0 V
1.5
1.2
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
V
VIH
HIGH-level input voltage
VCC = 9.0 V
6.3
4.7
-
6.3
-
V
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VIL
LOW-level input voltage
VCC = 9.0 V
-
4.3
2.7
-
2.7
V
nE; VI = VCC or GND
VCC = 6.0 V
-
-
±0.1
-
±0.1
μA
II
input leakage current
VCC = 9.0 V
-
-
±0.2
-
±0.2
μA
IS(OFF)
OFF-state leakage current nY or nZ; VCC = 9.0 V; see Fig. 5
-
0.1
1.0
-
1.0
μA
IS(ON)
ON-state leakage current nY or nZ; VCC = 9.0 V; see Fig. 6
-
0.1
1.0
-
1.0
μA
nE, nY and nZ = VCC or GND
VCC = 6.0 V
-
-
10
-
20
μA
ICC
supply current
VCC = 9.0 V
-
-
20
-
40
μA
74HC_HCT2G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 11 — 6 November 2018
4 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com