Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL506 Datasheet (PDF) - Micronas

HAL506 Datasheet PDF - Micronas
Part # HAL506
Download  HAL506 Download
File Size   144.45 Kbytes
Page   2 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Multipurpose Hall-Effect Sensor Family

HAL506 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL506 Datasheet PDF - Micronas

Part # HAL506
Download  HAL506 Click to download

File Size   144.45 Kbytes
Page   2 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Multipurpose Hall-Effect Sensor Family

HAL506 Datasheet (HTML) - Micronas


HAL506 Product details

The HAL 5xy family consists of different Hall switches produced in CMOS technology. All sensors include a temperature compensated Hall plate with active offset compensation, a comparator, and an open drain output transistor. The comparator compares the actual magnetic flux through the Hall plate (Hall voltage) with the fixed reference values (switching points). Accordingly, the output transistor is switched on or off.

Features
♦ Switching offset compensation at typically 62 kHz
♦ Operates from 3.8 V to 24 V supply voltage
♦ Overvoltage protection at all pins
♦ Reverse-voltage protection at VDD-pin
♦ Magnetic characteristics are robust
   regarding mechanical stress effects
♦ Short-circuit protected open-drain output by thermal shut down
♦ Operates with static magnetic fields and
   dynamic magnetic fields up to 10 kHz
♦ Constant switching points over a wide supply voltage range
♦ The decrease of magnetic flux density
   caused by rising temperature in the sensor system is compensated by a built-in
   negative temperature coefficient of the magnetic characteristics
♦ Ideal sensor for applications in extreme
   automotive and industrial environments
♦ EMC corresponding to ISO 7637
♦ Operates from −40 °C to 170 °C junction temperature

Major Applications
The HAL 5xy is the optimal system solution for applications, such as:
♦ Endposition detection
♦ RPM measurement of motors in various applications, such as power window
♦ Brushless DC motors
♦ RPM measurements in flow meters
♦ Replacement of micro switches




Similar Part No. - HAL506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL506 MICRONAS-HAL506 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
Edition April 15, 2010
logo
List of Unclassifed Man...
HAL506A ETC-HAL506A Datasheet
315Kb / 44P
Hall Effect Sensor Family
HAL506E ETC-HAL506E Datasheet
315Kb / 44P
Hall Effect Sensor Family
HAL506K ETC-HAL506K Datasheet
315Kb / 44P
Hall Effect Sensor Family
More results


Similar Description - HAL506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
Two-Wire Hall Effect Sensor Family
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
Two-Wire Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
Edition April 15, 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com