Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL320 Datasheet (PDF) - Micronas

HAL320 Datasheet PDF - Micronas
Part # HAL320
Download  HAL320 Download
File Size   1528.1 Kbytes
Page   22 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Differential Hall-Effect Sensor IC

HAL320 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL320 Datasheet PDF - Micronas

Part # HAL320
Download  HAL320 Click to download

File Size   1528.1 Kbytes
Page   22 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Differential Hall-Effect Sensor IC

HAL320 Datasheet (HTML) - Micronas


HAL320 Product details

Introduction

The HAL320 is a differential Hall switch produced in CMOS technology. The sensor includes 2 temperature compensated Hall plates (2.25 mm apart) with active off set compensation, a differential amplifier with a Schmitt trigger, and an open-drain output transistor (see Fig. 2–1).

The HAL320 is a differential sensor which responds to spatial differences of the magnetic field. The Hall voltages at the two Hall plates, S1 and S2, are amplified with a differential amplifier. The differential signal is compared with the actual switching level of the internal Schmitt trigger. Accordingly, the output transistor is switched on or off.



Features:

– distance between Hall plates: 2.25 mm

– operates from 4.5 V to 24 V supply voltage

– switching offset compensation at 62 kHz

– overvoltage protection

– reverse-voltage protection at VDD-pin

– short-circuit protected open-drain output by thermal shutdown

– operates with magnetic fields from DC to 10 kHz

– output turns low with magnetic south pole on branded side of package and with a higher magnetic flux density in sensitive area S1 as in S2

– on-chip temperature compensation circuitry minimizes shifts of the magnetic parameters over temperature and supply voltage range

– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of hysteresis

– EMC corresponding to ISO 7637



 




Similar Part No. - HAL320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
Differential Hall Effect Sensor IC
More results


Similar Description - HAL320

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
Dynamic Differential Hall Effect Sensor IC
2000-07-01
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
logo
Micronas
HAL300 MICRONAS-HAL300_1 Datasheet
1Mb / 22P
Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com