Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL320 Datasheet(PDF) 5 Page - Micronas

Part # HAL320
Description  Differential Hall-Effect Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL320 Datasheet(HTML) 5 Page - Micronas

  HAL320 Datasheet HTML 1Page - Micronas HAL320 Datasheet HTML 2Page - Micronas HAL320 Datasheet HTML 3Page - Micronas HAL320 Datasheet HTML 4Page - Micronas HAL320 Datasheet HTML 5Page - Micronas HAL320 Datasheet HTML 6Page - Micronas HAL320 Datasheet HTML 7Page - Micronas HAL320 Datasheet HTML 8Page - Micronas HAL320 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
HAL320
DATA SHEET
5
Micronas
1.4. Hall Sensor Package Codes
Type: 320
HAL XXXPA-T
Temperature Range: A
Package: SF for SOT89B-2,
UA for TO92UA
→ Type: 320
→ Package: TO92UA
→ Temperature Range: TJ = –40 °C to +170 °C
Example: HAL 320UA-A
Hall sensors are available in a wide variety of packaging
versions and quantities. For more detailed information,
please refer to the brochure: “Hall Sensors: Ordering
Codes, Packaging, Handling”.
1.5. Solderability and Welding
Soldering
During soldering reflow processing and manual rework-
ing, a component body temperature of 260
°C should not
be exceeded.
Welding
Device terminals should be compatible with laser and re-
sistance welding. Please note that the success of the
welding process is subject to different welding parame-
ters which will vary according to the welding technique
used. A very close control of the welding parameters is
absolutely necessary in order to reach satisfying results.
Micronas, therefore, does not give any implied or ex-
press warranty as to the ability to weld the component.
1.6. Pin Connections
OUT
GND
3
2
1
VDD
Fig. 1–1: Pin configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com