Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL320 Datasheet(PDF) 21 Page - Micronas

Part # HAL320
Description  Differential Hall-Effect Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL320 Datasheet(HTML) 21 Page - Micronas

Back Button HAL320 Datasheet HTML 14Page - Micronas HAL320 Datasheet HTML 15Page - Micronas HAL320 Datasheet HTML 16Page - Micronas HAL320 Datasheet HTML 17Page - Micronas HAL320 Datasheet HTML 18Page - Micronas HAL320 Datasheet HTML 19Page - Micronas HAL320 Datasheet HTML 20Page - Micronas HAL320 Datasheet HTML 21Page - Micronas HAL320 Datasheet HTML 22Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
HAL320
DATA SHEET
21
Micronas
4.4. EMC and ESD
For applications with disturbances on the supply line or
radiated disturbances, a series resistor and a capacitor
are recommended (see Fig. 4–1). The series resistor
and the capacitor should be placed as closely as pos-
sible to the HAL sensor.
Applications with this arrangement passed the EMC
tests according to the product standard ISO 7637.
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
OUT
GND
3
2
1VDD
4.7 nF
VEMC
VP
RV
220
Ω
RL
1.2 k
Ω
20 pF
Fig. 4–1: Test circuit for EMC investigations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com